Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3129D2DAP Datasheet(PDF) 22 Page - Texas Instruments

Part # TPA3129D2DAP
Description  TPA3128D2, TPA3129D2 2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3129D2DAP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPA3129D2DAP Datasheet HTML 18Page - Texas Instruments TPA3129D2DAP Datasheet HTML 19Page - Texas Instruments TPA3129D2DAP Datasheet HTML 20Page - Texas Instruments TPA3129D2DAP Datasheet HTML 21Page - Texas Instruments TPA3129D2DAP Datasheet HTML 22Page - Texas Instruments TPA3129D2DAP Datasheet HTML 23Page - Texas Instruments TPA3129D2DAP Datasheet HTML 24Page - Texas Instruments TPA3129D2DAP Datasheet HTML 25Page - Texas Instruments TPA3129D2DAP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
22
TPA3128D2, TPA3129D2
SLOS941C – MAY 2016 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPA3128D2 TPA3129D2
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
This section describes a 2.1 Master and Slave application. The Master is configured as stereo outputs and the
Slave is configured as mono PBTL output.
8.2 Typical Application
A 2.1 solution, U1 TPA312xD2 in Master mode 400 kHz, BTL, gain if 20 dB, power limit not implemented. U2 in
Slave, PBTL mode gain of 20dB. Inputs are connected for differential inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com