Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3129D2DAP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPA3129D2DAP
Description  TPA3128D2, TPA3129D2 2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3129D2DAP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA3129D2DAP Datasheet HTML 3Page - Texas Instruments TPA3129D2DAP Datasheet HTML 4Page - Texas Instruments TPA3129D2DAP Datasheet HTML 5Page - Texas Instruments TPA3129D2DAP Datasheet HTML 6Page - Texas Instruments TPA3129D2DAP Datasheet HTML 7Page - Texas Instruments TPA3129D2DAP Datasheet HTML 8Page - Texas Instruments TPA3129D2DAP Datasheet HTML 9Page - Texas Instruments TPA3129D2DAP Datasheet HTML 10Page - Texas Instruments TPA3129D2DAP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
TPA3128D2, TPA3129D2
www.ti.com
SLOS941C – MAY 2016 – REVISED JANUARY 2018
Product Folder Links: TPA3128D2 TPA3129D2
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
AC Electrical Characteristics (continued)
TA = 25°C, AVCC = PVCC = 12 V to 24 V, RL = 4 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Oscillator frequency
AM2=0, AM1=0, AM0=0
376
400
424
kHz
AM2=0, AM1=0, AM0=1
470
500
530
AM2=0, AM1=1, AM0=0
564
600
636
AM2=0, AM1=1, AM0=1
940
1000
1060
AM2=1, AM1=0, AM0=0
1128
1200
1278
AM2=1, AM1=0, AM0=1
282
300
318
AM2=1, AM1=1, AM0=0
Reserved
AM2=1, AM1=1, AM0=1
Thermal trip point
≥150
°C
Thermal hysteresis
15
°C
Over current trip point
TPA3128D2
7.5
A
TPA3129D2
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com