Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16630PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS16630PWPR
Description  TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS16630PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS16630PWPR Datasheet HTML 17Page - Texas Instruments TPS16630PWPR Datasheet HTML 18Page - Texas Instruments TPS16630PWPR Datasheet HTML 19Page - Texas Instruments TPS16630PWPR Datasheet HTML 20Page - Texas Instruments TPS16630PWPR Datasheet HTML 21Page - Texas Instruments TPS16630PWPR Datasheet HTML 22Page - Texas Instruments TPS16630PWPR Datasheet HTML 23Page - Texas Instruments TPS16630PWPR Datasheet HTML 24Page - Texas Instruments TPS16630PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
OFF time, tFASTTRIP(dly). At Overload current level in the range of IFASTTRIP < IOUT < ISCP, the fast-trip comparator
response is 3.2 µs (typical).
9.3.4.2.1 Start-Up With Short-Circuit On Output
When the device is started with short-circuit on the output, the current begins to limit at I(OL). Due to high
power dissipation of VIN x I(OL) within the device the junction temperature increases. Subsequently, the thermal
regulation control loop limits the load current to regulate the junction temperature at T(J_REG), 145°C (typical)
for a duration of t(Treg_timeout), 1.25 sec (typical). Subsequent operation of the device depends on the MODE
configuration (auto-retry or latch off) setting as per the Table 9-1. FLT gets asserted after t(Treg_timeout) and
remains asserted till the output short-circuit is removed. Figure 9-9 illustrates the behavior of the device in this
condition.
VIN
FLTb
IIN
VIN = 24 V
RILIM = 3 kΩ
Figure 9-9. Start-Up With Short on Output
9.3.5 Output Power Limiting, PLIM (TPS16632 Only)
In TPS16630, with a fixed overcurrent limit threshold the maximum output power limit increases linearly with
supply input. Electrical Industrial process control equipment such as PLC CPU must comply with standards
like IEC61010-1 and UL1310 for fire safety which require limited energy and power circuits. Limiting the output
power becomes a challenge in such high power applications where the operating supply voltage range is wide.
The TPS16632 integrate adjustable output power limiting functionality that simplifies the system design requiring
compliance in accordance to this standard.
Connect a resistor from PLIM to GND as shown in Figure 9-10 to set the output power limiting value. If
output power limiting is not required, then connect PLIM to GND directly. This connection disables the PLIM
functionality.
During an over-power load event, the TPS16632 limits the output power at the programmed value set by PLIM
resistor. This limit indirectly results in the device operation in current limiting mode with steady state output
voltage and current set by the load characteristics and PLIM = VOUT × IOUT. Figure 7-8 shows the output power
limit and current limit characteristics of TPS16632 with 100-W power limit setting. The maximum duration for the
device in power limiting mode is 162 msec (typical), tCL_PLIM(dly). After this time, the device operates either in
auto-retry or latch off mode based on MODE pin configuration in Table 9-1.
P(PLIM) = 1 × R(PLIM)
(5)
Here, P(PLIM) is output power limit in watts, and R(PLIM) is the power limit setting resistor in kΩ.
www.ti.com
TPS1663
SLVSET9F – SEPTEMBER 2018 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS1663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com