Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16630PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS16630PWPR
Description  TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS16630PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS16630PWPR Datasheet HTML 18Page - Texas Instruments TPS16630PWPR Datasheet HTML 19Page - Texas Instruments TPS16630PWPR Datasheet HTML 20Page - Texas Instruments TPS16630PWPR Datasheet HTML 21Page - Texas Instruments TPS16630PWPR Datasheet HTML 22Page - Texas Instruments TPS16630PWPR Datasheet HTML 23Page - Texas Instruments TPS16630PWPR Datasheet HTML 24Page - Texas Instruments TPS16630PWPR Datasheet HTML 25Page - Texas Instruments TPS16630PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
During the output power limiting operation, FLT asserts after a delay of tCL_PLIM_FLT(dly). The FLT signal remains
asserted until the over power load condition is removed and the device resumes normal operation.
Figure 9-11 illustrates output power limiting performance of TPS16632 with 100-W setting for class-2 power
supply designs .
TPS16632
31 PŸ
IN
OUT
dVdT
ILIM
P_IN
RILIM
FLT
GND
SHDN
UVLO
PLIM
MODE
IMON
RIMON
PGOOD
Protected supply
To Load
4.5 V - 60 V
Load Monitor
ON/OFF Control
R2
RPLIM
R1
COUT
CdVdT
Figure 9-10. TPS16632 Typical Application Schematic
RPLIM = 100 kΩ
RILIM = 3 kΩ
Figure 9-11. 100 W class 2, Output Power Limiting Response of TPS16632
9.3.6 Current Monitoring Output (IMON)
The TPS1663x devices feature an accurate analog current monitoring output. A current source at IMON terminal
is internally configured to be proportional to the current flowing from IN to OUT. This current can be converted
into a voltage using a resistor R(IMON) from IMON terminal to GND terminal. The IMON voltage can be used as
a means of monitoring current flow through the system. The maximum voltage (V(IMONmax) for monitoring the
current is limited to 4 V. This limitation puts a limitation on maximum value of R(IMON) resistor and is determined
by Equation 6.
>
@
IMON
OUT
IMON
IMON
V
I
GAIN
R
u
u
(6)
Where,
• GAIN(IMON) is the gain factor I(IMON):I(OUT) = 27.9μA/A (typical)
• I(OUT) is the load current
TPS1663
SLVSET9F – SEPTEMBER 2018 – REVISED FEBRUARY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS1663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com