Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC320DXN Datasheet(PDF) 2 Page - LG Semicon Co.,Ltd.

Part # LC320DXN
Description  32.0” WXGA TFT LCD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXN Datasheet(HTML) 2 Page - LG Semicon Co.,Ltd.

  LC320DXN Datasheet HTML 1Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 2Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Product Specification
LC320DXN
Ver. 1.0
2 / 36
CONTENTS
Number
ITEM
Page
COVER
1
CONTENTS
2
RECORD OF REVISIONS
3
1
GENERAL DESCRIPTION
4
2
ABSOLUTE MAXIMUM RATINGS
5
3
ELECTRICAL SPECIFICATIONS
6
3-1
ELECTRICAL CHARACTERISTICS
6
3-2
INTERFACE CONNECTIONS
8
3-3
SIGNAL TIMING SPECIFICATIONS
10
3-4
LVDS SIGNAL SPECIFICATIONS
11
3-5
COLOR DATA REFERENCE
14
3-6
POWER SEQUENCE
15
4
OPTICAL SPECIFICATIONS
17
5
MECHANICAL CHARACTERISTICS
21
6
RELIABILITY
24
7
INTERNATIONAL STANDARDS
25
7-1
SAFETY
25
7-2
EMC
25
7-3
ENVIRONMENT
25
8
PACKING
26
8-1
DESIGNATION OF LOT MARK
26
8-2
PACKING FORM
26
9
PRECAUTIONS
27
9-1
MOUNTING PRECAUTIONS
27
9-2
OPERATING PRECAUTIONS
27
9-3
ELECTROSTATIC DISCHARGE CONTROL
28
9-4
PRECAUTIONS FOR STRONG LIGHT EXPOSURE
28
9-5
STORAGE
28
9-6
HANDLING PRECAUTIONS FOR PROTECTION FILM
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com