Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC320DXN Datasheet(PDF) 21 Page - LG Semicon Co.,Ltd.

Part # LC320DXN
Description  32.0” WXGA TFT LCD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXN Datasheet(HTML) 21 Page - LG Semicon Co.,Ltd.

Back Button LC320DXN Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 21Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 22Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 23Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 24Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 25Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Product Specification
LC320DXN
Ver. 1.0
21 / 36
Table 12 provides general mechanical characteristics.
5. Mechanical Characteristics
Table 12. MECHANICAL CHARACTERISTICS
Item
Value
Outline Dimension
Horizontal
760.0mm
Vertical
450.0 mm
Depth
32.5 mm
Bezel Area
Horizontal
703.8mm
Vertical
398.4mm
Active Display Area
Horizontal
697.6845mm
Vertical
392.256mm
Weight
4.8Kg (Typ.), 5Kg (Max.)
Note : 1.Please refer to a mechanical drawing in terms of tolerance at the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com