Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30F4 Datasheet(PDF) 8 Page - STMicroelectronics

Part # BAT30F4
Description  30 V signal Schottky diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30F4 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button BAT30F4 Datasheet HTML 3Page - STMicroelectronics BAT30F4 Datasheet HTML 4Page - STMicroelectronics BAT30F4 Datasheet HTML 5Page - STMicroelectronics BAT30F4 Datasheet HTML 6Page - STMicroelectronics BAT30F4 Datasheet HTML 7Page - STMicroelectronics BAT30F4 Datasheet HTML 8Page - STMicroelectronics BAT30F4 Datasheet HTML 9Page - STMicroelectronics BAT30F4 Datasheet HTML 10Page - STMicroelectronics BAT30F4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3.2
Solder paste
1.
Halide-free flux qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste is recommended.
3.
Offers a high tack force to resist component displacement during PCB movement.
4.
Use solder paste with fine particles: Type 4 (powder particle size 20-48 μm per IPC J STD-005).
3.3
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not the outline centering
3.
Standard tolerance of ±0.05 mm is recommended.
4.
1.0 N placement force is recommended. Too much placement force can lead to squeezed out solder paste
and cause solder joints to short. Too low placement force can lead to insufficient contact between package
and solder paste that could cause open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be performed with a high
resolution tool.
6.
For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is recommended during solder
paste printing, pick and place and reflow soldering by using optimized tools.
3.4
PCB design preference
1.
To control the solder paste amount, the closed via is recommended instead of open vias.
2.
The position of tracks and open vias in the solder area should be well balanced. A symmetrical layout is
recommended, to avoid any tilt phenomena caused by asymmetrical solder paste due to solder flow away.
3.5
Reflow profile
Figure 12. ST ECOPACK® recommended soldering reflow profile for PCB mounting
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-6 °C/s
240-245 °C
2 - 3 °C/s
Temperature (°C)
-2 °C/s
-3 °C/s
Time (s)
0.9 °C/s
60 sec
(90 max)
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
BAT30F4
Solder paste
DS10126 - Rev 8
page 8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com