Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30F4 Datasheet(PDF) 9 Page - STMicroelectronics

Part # BAT30F4
Description  30 V signal Schottky diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30F4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BAT30F4 Datasheet HTML 3Page - STMicroelectronics BAT30F4 Datasheet HTML 4Page - STMicroelectronics BAT30F4 Datasheet HTML 5Page - STMicroelectronics BAT30F4 Datasheet HTML 6Page - STMicroelectronics BAT30F4 Datasheet HTML 7Page - STMicroelectronics BAT30F4 Datasheet HTML 8Page - STMicroelectronics BAT30F4 Datasheet HTML 9Page - STMicroelectronics BAT30F4 Datasheet HTML 10Page - STMicroelectronics BAT30F4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
4
Ordering information
Table 6. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
BAT30F4
4(1)
Flat CSPS
0.116 mg
15000
Tape and reel
1. The marking codes can be rotated by 90° or 180° to differentiate assembly location
BAT30F4
Ordering information
DS10126 - Rev 8
page 9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com