Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54AWFILM Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT54AWFILM
Description  Small signal Schottky diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54AWFILM Datasheet(HTML) 2 Page - STMicroelectronics

  BAT54AWFILM Datasheet HTML 1Page - STMicroelectronics BAT54AWFILM Datasheet HTML 2Page - STMicroelectronics BAT54AWFILM Datasheet HTML 3Page - STMicroelectronics BAT54AWFILM Datasheet HTML 4Page - STMicroelectronics BAT54AWFILM Datasheet HTML 5Page - STMicroelectronics BAT54AWFILM Datasheet HTML 6Page - STMicroelectronics BAT54AWFILM Datasheet HTML 7Page - STMicroelectronics BAT54AWFILM Datasheet HTML 8Page - STMicroelectronics BAT54AWFILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Characteristics
BAT54
2/15
DocID5505 Rev 12
1
Characteristics
Table 2. Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF
Continuous forward current
300
mA
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
1.25
A
Tstg
Storage temperature range
-65 to +150
°C
Tj
Operating junction temperature range
-40 to +150
°C
TL
Maximum soldering temperature
260
°C
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
1.
Epoxy printed circuit board with recommended pad layout
SOT-23, SOD-123
500
°C/W
SOT-323, SOD323
550
SOD-523
600
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms,  < 2%
Reverse leakage current
Tj = 25 °C
VR = 30 V
1
µA
Tj = 100 °C
100
VF
(2)
2.
Pulse test: tp = 380 µs,  < 2%
Forward voltage drop
Tj = 25 °C
IF = 0.1 mA
240
mV
IF = 1 mA
320
IF = 10 mA
400
IF = 30 mA
500
IF = 100 mA
900
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
C
Diode capacitance
VR = 1 V, F = 1 MHz
7
10
pF
trr
Reverse recovery time
IF = 10 mA, IR = 10 mA, Tj = 25 °C
Irr = 1 mA, RL = 100 
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com