Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54AWFILM Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAT54AWFILM
Description  Small signal Schottky diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54AWFILM Datasheet(HTML) 3 Page - STMicroelectronics

  BAT54AWFILM Datasheet HTML 1Page - STMicroelectronics BAT54AWFILM Datasheet HTML 2Page - STMicroelectronics BAT54AWFILM Datasheet HTML 3Page - STMicroelectronics BAT54AWFILM Datasheet HTML 4Page - STMicroelectronics BAT54AWFILM Datasheet HTML 5Page - STMicroelectronics BAT54AWFILM Datasheet HTML 6Page - STMicroelectronics BAT54AWFILM Datasheet HTML 7Page - STMicroelectronics BAT54AWFILM Datasheet HTML 8Page - STMicroelectronics BAT54AWFILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID5505 Rev 12
3/15
BAT54
Characteristics
15
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Average forward current versus
ambient temperature (
 = 1)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
P(W)
δ=0.05
δ=0.2
δ=0.1
δ=0.5
δ=1
T
δ=tp/T
tp
IF(AV)(A)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
25
50
75
100
125
150
I
F(AV)(A)
T
δ=tp/T
tp
Tamb(°C)
Figure 3. Reverse leakage current versus
reverse applied voltage (typical values)
Figure 4. Reverse leakage current versus
junction temperature
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
I
R(µA)
T
j=100°C
T
j=25°C
T
j=50°C
VR(V)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
25
50
75
100
125
150
I
R[Tj]/ IR[Tj=25°C]
V
R=3V
Tj(°C)
Figure 5. Junction capacitance versus reverse
applied voltage (typical values)
Figure 6. Forward voltage drop versus forward
current (typical values)
1
10
1
10
100
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
I
FM(A)
T
j=50°C
T
j=50°C
T
j=25°C
T
j=25°C
T
j=-40 °C
T
j=-40 °C
T
j=100°C
T
j=100°C
VFM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com