Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA Datasheet(PDF) 1 Page - Polymaker Industrial

Part # PLA
Description  PolySupport™
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

PLA Datasheet(HTML) 1 Page - Polymaker Industrial

  PLA Datasheet HTML 1Page - Polymaker Industrial PLA Datasheet HTML 2Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nov. 2018
Technical Data Sheet
Version 4.0
www.polymaker.com
PolySupport™
PolySupport™ is a break away support for Polymaker PLA based filaments. It has a perfect interface with PLA, strong
enough to support it and easily removable by hand.
Physical Properties
Property
Testing method
Typical value
Density
ASTM D792 (ISO 1183, GB/T 1033)
1.22 (g/cm3 at 21.5˚C)
Melt index
220 °C, 2.16 kg
3-6 (g/10 min)
Tested with 3D printed specimen of 100% infill
Material Compatibility
Material
Adhesion with PolySupport™
PLA based material from Polymaker’s portfolio
++
PETG based material from Polymaker’s portfolio
-
ABS based material from Polymaker’s portfolio
-
PC based material from Polymaker’s portfolio
+
PVB based material from Polymaker’s portfolio
+
TPU based material from Polymaker’s portfolio
+
Nylon based material from Polymaker’s portfolio
--
++ support the model very well
+ generally support the model depending on its geometry
- generally doesn’t support the model depending on its geometry
- - do not support the model
Recommended printing conditions
Parameter
Nozzle temperature
220 - 230 (˚C)
Build Surface material
BuildTak®, Blue Tape
Build surface treatment
None
Build plate temperature
25 - 60 (˚C)
Cooling fan
Turned on
Printing speed
20-40 (mm/s)
Raft separation distance
0 (mm)
Retraction distance
1 (mm)
Retraction speed
20 (mm/s)
Recommended environmental temperature
Room temperature
Based on 0.4 mm nozzle and Simplify 3D v.3.1. Printing conditions may vary with different nozzle diameters


Similar Part No. - PLA

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
PLA POLYMAKER-PLA Datasheet
143Kb / 2P
PolyLite™ PLA
Nov. 2018 Version 4.0
PLA POLYMAKER-PLA Datasheet
143Kb / 2P
PolyMax™ PLA
Nov. 2018 Version 4.0
PLA POLYMAKER-PLA Datasheet
142Kb / 2P
PolyWood™
Nov. 2018 Version 4.0
logo
SOVICO corp.
PLA-118S SOVICO-PLA-118S Datasheet
775Kb / 2P
Compact Line array Subwoofer
2020.11
PLA-65 SOVICO-PLA-65 Datasheet
588Kb / 2P
6.5inch Line array
2020.11
More results

Similar Description - PLA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ_V01 Datasheet
148Kb / 10P
Transil™
09-Jul-2010
logo
3M Electronics
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
3M Electronics
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
logo
Infineon Technologies A...
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com