Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12008 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPL12008
Description  20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12008 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPL12008 Datasheet HTML 9Page - Analog Devices ADPL12008 Datasheet HTML 10Page - Analog Devices ADPL12008 Datasheet HTML 11Page - Analog Devices ADPL12008 Datasheet HTML 12Page - Analog Devices ADPL12008 Datasheet HTML 13Page - Analog Devices ADPL12008 Datasheet HTML 14Page - Analog Devices ADPL12008 Datasheet HTML 15Page - Analog Devices ADPL12008 Datasheet HTML 16Page - Analog Devices ADPL12008 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADPL12008/ADPL12010
20V, 8A/10A Fully Integrated Buck Converter
with 20μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 13
Low-IQ Operation in Dual-Phase
The ADPL12008/ADPL12010 ICs feature dual-phase capability, allowing each IC to be configured as either a controller
or a target. The SYNCOUT pin of the controller outputs a 180° out-of-phase clock when SYNC is tied high (FPWM mode).
For low-IQ mode, pull the SYNC pin of the controller low (skip-mode). In this mode, there is no clock present on the
SYNCOUT pin of the controller, and the controller IC enters the skip-mode. The internal circuit of the target IC remains
ON during this time and actively looks for the SYNCOUT signal from the controller. As the target IC is ON, the quiescent
current is slightly higher, even though both the ICs skip pulses.
To improve the light-load efficiency and further reduce the IQ, pull the target EN low. This disables the target and its
internal circuits, which further reduces the IQ. Table 1 summarizes the truth table for low-IQ operation.
Table 1. Configurations for Low-IQ Operation
CONTROLLER
TARGET
MODE
EN = High, SYNC = BIAS
EN = High
FPWM (high IQ)
EN = High, SYNC = Low
EN = High
Skip-mode (low IQ)
EN = High, SYNC = Low
EN = Low
Standby-mode (ultra-low IQ)
EN = Low
EN = High
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com