Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12008 Datasheet (PDF) - Analog Devices

ADPL12008 Datasheet PDF - Analog Devices
Part # ADPL12008
Download  ADPL12008 Download
File Size   916.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability

ADPL12008 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL12008 Datasheet PDF - Analog Devices

Part # ADPL12008
Download  ADPL12008 Click to download

File Size   916.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability

ADPL12008 Datasheet (HTML) - Analog Devices


ADPL12008 Product details

Features
•High-Power DC/DC Converter in Small Solution Size
•Operating VIN range of 3V to 20V
•Synchronous DC-DC Converter with IntegratedFETs
•8A/10A Maximum Output Current
•400kHz and 1.5MHz Fixed Frequency Options
•Fixed Soft-Start Time
-2.5ms for 400kHz
-3.5ms for 1.5MHz
•36ns Minimum On-Time
•Programmable Output Voltage
-0.8V to 10V for 400kHz
-0.8V to 6V for 1.5MHz
•Symmetric and Balanced SUP and PGND PinoutPlacement for Better ElectromagneticInterference (EMI) Performance
•Thermally-Enhanced 3.5mm x 3.75mm, 17-PinFC2QFN Package
•High Efficiency at All Load Ranges
•20μA Quiescent Current in Skip Mode
•Up to 95.6% Eff. at 12VIN/3.3VOUT/400kHz
•Up to 93.9% Eff. at 12VIN/3.3VOUT/1.5MHz
•Dual-Phase Operation up to 20A Load Capability
•Frequency Synchronization Input/Output
•180º Out-of-Phase Between Controller andTarget
•Dynamic Current Sharing
•Forced-PWM and Skip-Mode Operation
•Low Dropout Operation
•Power Good Indicator
•Overtemperature and Short-Circuit Protection
•-40°C to +150°C Operating Junction TemperatureRange
•Scalable Power Solution
•Footprint Compatible withADPL12005/ADPL12006




Similar Part No. - ADPL12008

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL12002 AD-ADPL12002 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLA AD-ADPL12002AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLB AD-ADPL12002AFLB Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003 AD-ADPL12003 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003AFLA AD-ADPL12003AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
More results


Similar Description - ADPL12008

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC198 SEMTECH-SC198 Datasheet
406Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
SC198A SEMTECH-SC198A Datasheet
352Kb / 15P
Dual DC-DC Buck Converter with High Current Capability
SC198 SEMTECH-SC198_07 Datasheet
404Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
logo
Maxim Integrated Produc...
MAX16930 MAXIM-MAX16930 Datasheet
1Mb / 29P
2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current
Rev 1; 7/13
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
logo
Intersil Corporation
ISL8018 INTERSIL-ISL8018 Datasheet
843Kb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
September 30, 2015
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Maxim Integrated Produc...
MAX17230 MAXIM-MAX17230 Datasheet
1Mb / 29P
2V–36V, Synchronous Dual Buck Controller with Integrated Boost and 20μA Quiescent Current
MAX20408 MAXIM-MAX20408 Datasheet
1Mb / 25P
Automotive 36V, 8A/10A Fully-Integrated Buck
2021
logo
Analog Devices
MAX42408 AD-MAX42408 Datasheet
954Kb / 19P
36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
19-101749; Rev 0; 11/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com