Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4022B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4022B
Description  COUNTERS/DIVIDERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4022B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4022B Datasheet HTML 3Page - STMicroelectronics HCF4022B Datasheet HTML 4Page - STMicroelectronics HCF4022B Datasheet HTML 5Page - STMicroelectronics HCF4022B Datasheet HTML 6Page - STMicroelectronics HCF4022B Datasheet HTML 7Page - STMicroelectronics HCF4022B Datasheet HTML 8Page - STMicroelectronics HCF4022B Datasheet HTML 9Page - STMicroelectronics HCF4022B Datasheet HTML 10Page - STMicroelectronics HCF4022B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Output Low (sink) Current Characteristics.
Minimum Output Low (sink) Current Characteristics.
Typical
Output High (source) Current Charac-
teristics.
Minimum Output High (source ) Current Charac-
teristics.
TYPICAL APPLICATIONS
Divide by N Counter (N
≤ 10) with N Decoded Out-
puts.
When the N
th decoded output is reached (Nth
clock pulse) the S-R flip-flop (constructed from
two NOR gates of the HCC/HCF4001B) gener-
ates
a
reset
pulse
which
clears
the
HCC/HCF4017B to its zero count. At this time, if
the N
th decoded output is greater than or equal
to 6, the COUT line goes high to clock the next
HCC/HCF4017B
counter
section.
The
”0”
decoded output also goes high at this time. Coin-
cidence of the clock low and decoded ”0” output
high resets the S-R flip flop to enable the
HCC/HCF4017B.Ifthe N
th decoded output is
less than 6, the COUT line will not go high and,
therefore, cannot be used. In this case ”0”
decoded output may be used to perform the
clocking function for the next counter.
HCC/HCF4017B/4022B
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com