Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4022B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4022B
Description  COUNTERS/DIVIDERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4022B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4022B Datasheet HTML 1Page - STMicroelectronics HCF4022B Datasheet HTML 2Page - STMicroelectronics HCF4022B Datasheet HTML 3Page - STMicroelectronics HCF4022B Datasheet HTML 4Page - STMicroelectronics HCF4022B Datasheet HTML 5Page - STMicroelectronics HCF4022B Datasheet HTML 6Page - STMicroelectronics HCF4022B Datasheet HTML 7Page - STMicroelectronics HCF4022B Datasheet HTML 8Page - STMicroelectronics HCF4022B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC/HCF4017B
HCC/HCF4022B
COUNTERS/DIVIDERS
.
FULLY STATIC OPERATION
.
MEDIUM SPEED OPERATION-12MHz (typ.) AT
VDD = 10V
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
° 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC40XXBF
HCF40XXBM1
HCF40XXBEY
HCF40XXBC1
PIN CONNECTIONS
4017B DECADE COUNTER WITH 10
DECODED OUTPUTS
4022B OCTAL COUNTER WITH 8
DECODED OUTPUTS
4017B
4022B
M1
(Micro Package)
DESCRIPTION
The HCC4017B/4022B (extended temperature
range) and HCF4017B/4022B (intermediate tem-
perature range) are monolithic integrated circuits,
available in 16-lead dual in-line plastic or ceramic
package and plastic micro package.
The HCC/HCF4017B and HCC/HCF4022B are 5-
stage and 4-stage Johnson counters having 10 and
8 decoded outputs, respectively. Inputs include a
CLOCK, a RESET, and a CLOCK INHIBIT signal.
Schmitt trigger action in the CLOCK input circuit pro-
vides pulse shaping that allows unlimited clock input
pulse rise and fall times. These counters are ad-
vanced one count at the positive clock signal tran-
sition if the CLOCK INHIBIT signal is low. Counter
advancement via the clock line is inhibited when the
CLOCK INHIBIT signal is high. A high RESET signal
clears the counter to its zero count. Use of the
Johnson decade-counter
configuration permits
high-speed operation, 2-input decimal-decode gat-
ing, and spike-free decoded outputs. Anti-lock gat-
ing is provided, thus assuring proper counting
sequence. The decoded outputs are normally low
and go high only at their respective decoded time
slot. Each decoded output remains high for one full
clock cycle. A CARRY-OUT signal completes one
1/12


Similar Part No. - HCF4022B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCF4022B ETC1-HCF4022B Datasheet
278Kb / 12P
COUNTERS/DIVIDERS
logo
STMicroelectronics
HCF4022B STMICROELECTRONICS-HCF4022B Datasheet
233Kb / 11P
OCTAL COUNTER WITH 8 DECODED OUTPUTS
Sep-2001
logo
List of Unclassifed Man...
HCF4022BC1 ETC1-HCF4022BC1 Datasheet
278Kb / 12P
COUNTERS/DIVIDERS
HCF4022BEY ETC1-HCF4022BEY Datasheet
278Kb / 12P
COUNTERS/DIVIDERS
logo
STMicroelectronics
HCF4022BEY STMICROELECTRONICS-HCF4022BEY Datasheet
233Kb / 11P
OCTAL COUNTER WITH 8 DECODED OUTPUTS
Sep-2001
More results

Similar Description - HCF4022B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4026B STMICROELECTRONICS-HCC4026B Datasheet
319Kb / 15P
7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
Jun-1989
logo
Texas Instruments
CD4026B TI-CD4026B Datasheet
497Kb / 12P
CMOS DECADE COUNTERS/DIVIDERS
logo
Hitachi Semiconductor
HD74HC4022 HITACHI-HD74HC4022 Datasheet
52Kb / 8P
Octal Counters/Dividers
logo
List of Unclassifed Man...
HCF4017B-HCF4022B ETC1-HCF4017B-HCF4022B Datasheet
278Kb / 12P
COUNTERS/DIVIDERS
logo
Renesas Technology Corp
HD74HC4022 RENESAS-HD74HC4022 Datasheet
95Kb / 7P
Octal Counters/Dividers
logo
Texas Instruments
CD4026BE TI1-CD4026BE Datasheet
875Kb / 16P
CMOS Decade Counters/Dividers
CD4026B TI-CD4026B_12 Datasheet
873Kb / 15P
CMOS DECADE COUNTERS/DIVIDERS
CD4033BE TI1-CD4033BE Datasheet
873Kb / 15P
CMOS Decade Counters/Dividers
CD4033BPWRE4 TI-CD4033BPWRE4 Datasheet
873Kb / 15P
CMOS Decade Counters/Dividers
SN54HC4017 TI1-SN54HC4017 Datasheet
126Kb / 6P
DECADE COUNTERS/DIVIDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com