Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1185LM Datasheet(PDF) 1 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1185LM
Description  3A Low Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1185LM Datasheet(HTML) 1 Page - Globaltech Semiconductor Co.,Ltd

  GS1185LM Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1185LM Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
www.gs-power.com
G
GS
S1
11
18
85
5L
L
3A Low Dropout Voltage Regulator
Product Description
Features
Three Terminal Adjustable or Fixed Output
Voltages 1.5V, 1.8V, 2.5V, 3.3V and 5V
Guaranteed Output Current up to 3A
Typical Dropout 1.3V (at 3A)
Output Tolerance: ±2% at 25 ºC
Wind Operating Temperature Range:-40ºC
to 125 ºC
Ultra low current consumption(0.35mA typ.)
Ultra low Adjustment Current(6uA typ.)
Package Available: TO-220, TO-263,
TO-252, and SOT-223
Suitable for use with MLCC capacitors
RoHS Compliant,100%Pb & Halogen Free
Applications
The GS1185L is a low drop voltage regulator able
to provide up to 3A output current. The dropout
voltage of the device is guaranteed at a maximum
1.3V at the maximum output current, decreasing at
lower loads.
The GS1185L is pin compatible with older
3-terminal adjustable regulators, but has better
performances in term of drop and output tolerance.
Post Regulators for Switching Supply
Battery-Powered Circuitry
Low Voltage Logic Supplies
High efficiency linear regulators
Adjustable power supply
Block Diagram
VOUT
Subastrate
+
+
-
Current
Limit
Thermal
Limit
GND (FIXED OUTPUT)
ADJ. (ADJUSTABLE OUTPUT)


Similar Part No. - GS1185LM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1117 VISHAY-GS1117 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Globaltech Semiconducto...
GS1117A GLOBALTECH-GS1117A Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD GLOBALTECH-GS1117AD Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD12F GLOBALTECH-GS1117AD12F Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD15F GLOBALTECH-GS1117AD15F Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
More results

Similar Description - GS1185LM

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
3A Low dropout voltage regulator
logo
Exar Corporation
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
3A Low Dropout Voltage Regulator
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
3A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com