Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4017 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4017
Description  HEX D". TYPE FLIP.FLOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4017 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4017 Datasheet HTML 1Page - STMicroelectronics HCF4017 Datasheet HTML 2Page - STMicroelectronics HCF4017 Datasheet HTML 3Page - STMicroelectronics HCF4017 Datasheet HTML 4Page - STMicroelectronics HCF4017 Datasheet HTML 5Page - STMicroelectronics HCF4017 Datasheet HTML 6Page - STMicroelectronics HCF4017 Datasheet HTML 7Page - STMicroelectronics HCF4017 Datasheet HTML 8Page - STMicroelectronics HCF4017 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall time = 20ns)
Test Conditions
Value
Symbol
Parameter
V DD (V)
Min.
Typ.
Max.
Unit
tPLH,
tPHL
Propagation Delay Time
Clock to Output
5
150
300
ns
10
70
140
15
50
100
tPHL
Propagation Delay Time
Clear to Output
5
100
200
ns
10
50
100
15
40
80
tTHL,
tTLH
Transition Time
5
100
200
ns
10
50
100
15
40
80
tsetup
Data Setup Time
5
40
20
ns
10
20
10
15
10
0
thold
Data Hold Time
5
80
40
ns
10
40
20
15
30
15
tW
Clock Input Pulse Width
Low Level
5
130
65
ns
10
60
30
15
40
20
tW
Clock Input Pulse Width
High Level
5
130
65
ns
10
60
30
15
40
20
tW
Clear Input Pulse Width
Low Level
5
100
50
ns
10
50
25
15
40
20
tr,tf
Clock Input Rise or Fall Time
5
15
µs
10
15
15
15
trem
Clear Removal Time
5
0
– 40
ns
10
0
– 15
15
0
– 10
fCL
Maximum Clock Input Frequency
5
3.5
7
MHz
10
6
12
15
8
16
HCC/HCF40174B
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com