Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4017 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4017
Description  HEX D". TYPE FLIP.FLOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4017 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4017 Datasheet HTML 1Page - STMicroelectronics HCF4017 Datasheet HTML 2Page - STMicroelectronics HCF4017 Datasheet HTML 3Page - STMicroelectronics HCF4017 Datasheet HTML 4Page - STMicroelectronics HCF4017 Datasheet HTML 5Page - STMicroelectronics HCF4017 Datasheet HTML 6Page - STMicroelectronics HCF4017 Datasheet HTML 7Page - STMicroelectronics HCF4017 Datasheet HTML 8Page - STMicroelectronics HCF4017 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC/HCF40174B
HEX ”D” – TYPE FLIP–FLOP
DESCRIPTION
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED AT 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18 V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
o. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC40174B (extended temperature range)
and HCF40174B (intermediate temperature range)
are monolithic integrated circuits available in 16-
lead dual in-line plastic or ceramic package and
plastic micro package.
The HCC/HCF40174B consists of six identical ’D’ -
type flip-flops having independent DATA inputs. The
CLOCK and CLEAR inputs are common to all six
units. Data is transferred to the Q outputs on the
positive-going transition of the clock pulse. All six
flip-flops are simultaneously reset by a low level on
the CLEAR input.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC40174BF
HCF40174BM1
HCF40174BEY
HCF40174BC1
PIN CONNECTIONS
M1
(Micro Package)
1/12


Similar Part No. - HCF4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4017 STMICROELECTRONICS-HCF4017 Datasheet
281Kb / 12P
COUNTERS/DIVIDERS
Jun-1989
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
281Kb / 12P
COUNTERS/DIVIDERS
Jun-1989
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
DECADE COUNTER WITH 10 DECODED OUTPUTS
Sep-2001
logo
List of Unclassifed Man...
HCF4017B ETC1-HCF4017B Datasheet
278Kb / 12P
COUNTERS/DIVIDERS
HCF4017B-HCF4022B ETC1-HCF4017B-HCF4022B Datasheet
278Kb / 12P
COUNTERS/DIVIDERS
More results

Similar Description - HCF4017

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
Hex Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40174B PHILIPS-HEF40174B Datasheet
62Kb / 5P
Hex D-type flip-flop
January 1995
logo
STMicroelectronics
HCC4013B STMICROELECTRONICS-HCC4013B Datasheet
280Kb / 11P
DUAL ’D’ – TYPE FLIP.FLOP
Jun-1989
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
Hex D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
Hex D-type Flip Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_06 Datasheet
108Kb / 5P
Hex Type D Flip?묯lop
June, 2006 ??Rev. 6
MC14174B_0008 ONSEMI-MC14174B_0008 Datasheet
95Kb / 8P
Hex Type D Flip-Flop
August, 2000 ??Rev. 4
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
Hex Type D Flip-Flop
June, 2011 ??Rev. 7
logo
Texas Instruments
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
HEX D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
Hex Type D Flip-Flop
May, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com