Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40181 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF40181
Description  4-BIT ARITHMETIC LOGIC UNIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40181 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF40181 Datasheet HTML 1Page - STMicroelectronics HCF40181 Datasheet HTML 2Page - STMicroelectronics HCF40181 Datasheet HTML 3Page - STMicroelectronics HCF40181 Datasheet HTML 4Page - STMicroelectronics HCF40181 Datasheet HTML 5Page - STMicroelectronics HCF40181 Datasheet HTML 6Page - STMicroelectronics HCF40181 Datasheet HTML 7Page - STMicroelectronics HCF40181 Datasheet HTML 8Page - STMicroelectronics HCF40181 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC/HCF40181B
June 1989
4-BIT ARITHMETIC LOGIC UNIT
.
FULL LOOK-AHEAD CARRY FOR SPEED
OPERATIONS ON LONG WORDS
.
GENERATES 16 LOGIC FUNCTIONS OF TWO
BOOLEAN VARIABLES
.
GENERATES 16 ARITHMETIC FUNCTIONS
OF TWO 4-BIT BINARY WORDS
.
A = B COMPARATOR OUTPUT AVAILABLE
.
RIPPLE-CARRY INPUT AND OUTPUT AVAIL-
ABLE
.
TYPICAL ADDITION TIME 200ns @ VDD = 10V
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT AT 20V FOR HCC DE-
VICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCC40181B (extended temperature range)
and HCF40181B (intermediate temperature range)
are monolithic integrated circuits, available in 24-
lead dual in-line plastic or ceramic package and
plastic micro package. The HCC/HCF40181B is a
low-power four-bit parallel arithmetic logic unit
(ALU) capable of providing 16 binary arithmetic
operations on two four-bit words and 16 logical func-
tions of two Boolean variables. The mode control
input M selects logical (M = High) or arithmetic (M =
Low) operation. The four select inputs (S0, S1, S2,
and S3) select the desired logical or arithmetic func-
tions, which include AND, OR, NAND, NOR, and ex-
clusive-OR and-NOR in the logical mode, and
addition, subtraction, decrement, left-shift and
straight transfer in the arithmetic mode, according to
the truth table. The HCC/HCF40181B operation
may be interpreted with either active-low or active-
high data at the A and B word inputs and the function
outputs F, by using the appropriate truth table. The
HCC/HCF40181B contains logic for full look-ahead
carry operation for fast carry generation using the
carry-generate and carry-propagate outputs G and
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
ORDER CODES :
HCC40181BF
HCF40181BEY
HCF40181BM1
PIN CONNECTIONS
M1
(Micro Package)
1/12


Similar Part No. - HCF40181

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4018 STMICROELECTRONICS-HCF4018 Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
HCF4018 STMICROELECTRONICS-HCF4018 Datasheet
273Kb / 12P
PRESETTABLE DIVIDE-BY-N COUNTER
Jun-1989
HCF40182B STMICROELECTRONICS-HCF40182B Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
HCF40182BM1 STMICROELECTRONICS-HCF40182BM1 Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
HCF4018B STMICROELECTRONICS-HCF4018B Datasheet
273Kb / 12P
PRESETTABLE DIVIDE-BY-N COUNTER
Jun-1989
More results

Similar Description - HCF40181

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
4-Bit Arithmetic Logic Unit
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
4-Bit Arithmetic Logic Unit
logo
Fairchild Semiconductor
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
4-Bit Arithmetic Logic Unit
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
4-Bit Arithmetic Logic Unit
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
National Semiconductor ...
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
4-BIT ARITHMETIC LOGIC UNIT
logo
Motorola, Inc
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
4-BIT ARITHMETIC LOGIC UNIT
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com