Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4018 Datasheet (PDF) - STMicroelectronics

HCF4018 Datasheet PDF - STMicroelectronics
Part # HCF4018
Download  HCF4018 Download
File Size   273.3 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRESETTABLE DIVIDE-BY-N COUNTER

HCF4018 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4018 Datasheet PDF - STMicroelectronics

Part # HCF4018
Download  HCF4018 Click to download

File Size   273.3 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRESETTABLE DIVIDE-BY-N COUNTER

HCF4018 Datasheet (HTML) - STMicroelectronics


HCF4018 Product details

DESCRIPTION
The HCC4018B (extended temperature range) and HCF4018B (intermediate temperature range) are monolithic integrated circuit, available in 16-lead dual in-line plastic or ceramic package and plastic micropackage.

■ MEDIUM SPEED OPERATION - 10MHz (typ.) AT VDD – VSS = 10V
■ FULLY STATIC OPERATION
■ QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE
■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS
■ INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ 5V, 10V, AND 15V PARAMETRIC RATINGS
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARD No 13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES”




Similar Part No. - HCF4018

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4018 STMICROELECTRONICS-HCF4018 Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
HCF4018 STMICROELECTRONICS-HCF4018 Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
HCF40181 STMICROELECTRONICS-HCF40181 Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
HCF40181B STMICROELECTRONICS-HCF40181B Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
HCF40181BEY STMICROELECTRONICS-HCF40181BEY Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
More results


Similar Description - HCF4018

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14018B MOTOROLA-MC14018B Datasheet
211Kb / 6P
Presettable Divide-By-N Counter
logo
ON Semiconductor
MC14018B ONSEMI-MC14018B Datasheet
184Kb / 8P
Presettable Divdie-By-N Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
Programmable divide-by-n counter
1998 Jul 08
logo
Texas Instruments
CD4018B TI-CD4018B Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Intersil Corporation
CD4018BMS INTERSIL-CD4018BMS Datasheet
85Kb / 9P
CMOS Presettable Divide-By- “N” Counter
November 1994
logo
Integrated Circuit Syst...
HEF4018B ICST-HEF4018B Datasheet
162Kb / 7P
Presettable divide-by-N counter
logo
R & E International, In...
SCL4018B RANDE-SCL4018B Datasheet
259Kb / 1P
PRESTTABLE DIVIDE-BY-N COUNTER
logo
STMicroelectronics
HCF4018B STMICROELECTRONICS-HCF4018B_01 Datasheet
443Kb / 11P
PRESETTABLE DIVIDE-BY-N COUNTER
Sep-2001
logo
Texas Instruments
CD4018B TI1-CD4018B_15 Datasheet
980Kb / 17P
CMOS Presettable Divide-by -N counter
logo
ON Semiconductor
MC14018B ONSEMI-MC14018B_14 Datasheet
103Kb / 5P
Presettable Divide-By-N Counter
August, 2014 ??Rev. 8
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com