Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4018 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4018
Description  PRESETTABLE DIVIDE-BY-N COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4018 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4018 Datasheet HTML 1Page - STMicroelectronics HCF4018 Datasheet HTML 2Page - STMicroelectronics HCF4018 Datasheet HTML 3Page - STMicroelectronics HCF4018 Datasheet HTML 4Page - STMicroelectronics HCF4018 Datasheet HTML 5Page - STMicroelectronics HCF4018 Datasheet HTML 6Page - STMicroelectronics HCF4018 Datasheet HTML 7Page - STMicroelectronics HCF4018 Datasheet HTML 8Page - STMicroelectronics HCF4018 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC/HCF4018B
PRESETTABLE DIVIDE-BY-N COUNTER
DESCRIPTION
.
MEDIUM SPEED OPERATION - 10MHz (typ.)
AT VDD –VSS = 10V
.
FULLY STATIC OPERATION
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
o
13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4018B (extended temperature range) and
HCF4018B (intermediate temperature range) are
monolithic integrated circuit, available in 16-lead
dual in-line plastic or ceramic package and plastic
micropackage.
The HCC/HCF4018B types consist of 5 Johnson-
Counter stages, buffered Q outputs from each
stage, and counter preset control gating. CLOCK,
RESET, DATA, PRESET ENABLE, and 5 individual
JAM inputs are provided. Divide by 10, 8, 6, 4, or 2
counter configurations can be implemented by feed-
ing the Q5, Q4, Q3, Q2, Q1 signals, respectively,
back to the DATA input.
Divide-by-9, 7, 5, or 3 counter configurations can be
implemented by the use of a HCC/HCF4011B gate
package to properly gate the feedback connection
to the DATA input. Divide-by-functions greater than
10 can be achieved by use of multiple HCC/HCF
4018B units. The counter is advanced one count at
the positive clock-signal transition. Schmitt Trigger
action on the clock line permits unlimited clock rise
and fall times. A high RESET signal clears the
counter to an all-zero condition. A high PRESENT-
ENABLE signal allows information on the JAM in-
puts to preset the counter. Anti-lock gating is
provided to assure the proper counting sequence.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4018BF
HCF4018BM1
HCF4018BEY
HCF4018BC1
PIN CONNECTIONS
M1
(Micro Package)
1/12


Similar Part No. - HCF4018

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4018 STMICROELECTRONICS-HCF4018 Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
HCF4018 STMICROELECTRONICS-HCF4018 Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
HCF40181 STMICROELECTRONICS-HCF40181 Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
HCF40181B STMICROELECTRONICS-HCF40181B Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
HCF40181BEY STMICROELECTRONICS-HCF40181BEY Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
More results

Similar Description - HCF4018

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14018B MOTOROLA-MC14018B Datasheet
211Kb / 6P
Presettable Divide-By-N Counter
logo
ON Semiconductor
MC14018B ONSEMI-MC14018B Datasheet
184Kb / 8P
Presettable Divdie-By-N Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
Programmable divide-by-n counter
1998 Jul 08
logo
Texas Instruments
CD4018B TI-CD4018B Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Intersil Corporation
CD4018BMS INTERSIL-CD4018BMS Datasheet
85Kb / 9P
CMOS Presettable Divide-By- “N” Counter
November 1994
logo
Integrated Circuit Syst...
HEF4018B ICST-HEF4018B Datasheet
162Kb / 7P
Presettable divide-by-N counter
logo
R & E International, In...
SCL4018B RANDE-SCL4018B Datasheet
259Kb / 1P
PRESTTABLE DIVIDE-BY-N COUNTER
logo
STMicroelectronics
HCF4018B STMICROELECTRONICS-HCF4018B_01 Datasheet
443Kb / 11P
PRESETTABLE DIVIDE-BY-N COUNTER
Sep-2001
logo
Texas Instruments
CD4018B TI1-CD4018B_15 Datasheet
980Kb / 17P
CMOS Presettable Divide-by -N counter
logo
ON Semiconductor
MC14018B ONSEMI-MC14018B_14 Datasheet
103Kb / 5P
Presettable Divide-By-N Counter
August, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com