Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4018 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4018
Description  PRESETTABLE DIVIDE-BY-N COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4018 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4018 Datasheet HTML 1Page - STMicroelectronics HCF4018 Datasheet HTML 2Page - STMicroelectronics HCF4018 Datasheet HTML 3Page - STMicroelectronics HCF4018 Datasheet HTML 4Page - STMicroelectronics HCF4018 Datasheet HTML 5Page - STMicroelectronics HCF4018 Datasheet HTML 6Page - STMicroelectronics HCF4018 Datasheet HTML 7Page - STMicroelectronics HCF4018 Datasheet HTML 8Page - STMicroelectronics HCF4018 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall times = 20ns)
Val ue
Symbol
Parameter
Test Conditions
V DD (V) Min.
Typ.
Max.
Unit
t PL H,tPHL Propagation Delay Time
5
200
400
ns
10
90
180
15
65
130
t THL,tTL H Transition Time
5
100
200
ns
10
50
100
15
40
80
f CL
Maximum Clock Input Frequency
5
3
6
MHz
10
7
14
15
8.5
17
t W
Clock Input Width
5
160
80
ns
10
70
35
15
50
25
t r,tf
Clock Input Rise or Fall Time
5
Unlimited
µs
10
15
t set up
Data Input Set-up Time
5
40
20
ns
10
12
6
15
6
3
t H
Data Input Hold-time
5
140
70
ns
10
80
40
15
60
30
PRESET* O R RESET OPERATI ON
t PL H,tPHL Propagation Delay Time
(reset or reset to Q)
5
275
550
ns
10
125
250
15
90
180
t W
Preset or Reset Pulse Width
5
160
80
ns
10
70
35
15
50
25
t re m
Preset or Reset Removal Time
5
80
40
ns
10
30
15
15
20
10
• At PRESET ENABLE OR JAM inputs
HCC/HCF4018B
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com