Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D35530644 Datasheet(PDF) 1 Page - Glamox

Part # D35530644
Description  D35-R230 LED 1400 HF 830LI MP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

D35530644 Datasheet(HTML) 1 Page - Glamox

  D35530644 Datasheet HTML 1Page - Glamox D35530644 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
D35-R230 LED 1400 HF 830
LI MP
Glamox D35 is family with compact design, in three sizes.
Injected moulded fire resistant plastic material V1 in white
finish RAL9016. Integrated aluminium heat sink.
Item No.
D35530644
GTIN
4741145306447
Stock status code
C
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Round
Electrical Data
Leakage Current (mA)
0.34
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
12
Number Of Luminaire MCB 10B
30
Number Of Luminaire MCB 10C
51
Number Of Luminaire MCB 16B
50
Number Of Luminaire MCB 16C
85
Optic
Optic description
Micro prismatic diffuser
Optic Name
MP - Micro prismatic
diffuser
UGR (70/50/20 & 4H-8H
crosswise)
24
Diffuser Material
Acrylic
Diffuser Material Design
Prismatic
Optic main category
Diffuser
Technical Data
Minimum TA (ºC)
-20
Maximum TA (ºC)
45
IP classification
40 from underneath \ 20 from above
Light Technical Data
Light source
LED
Lumen Out (lm)
1312
Lumen Per Watt (lm/W)
110
Lamp colour temp (K)
3000
Colour Rendering Index
>80
Light Distribution Down %
100
MacAdam step
3
Energy Class Light Source
D
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Number of Driver
1
Lifetime
LED Lifetime L80B50 Ta25 (h)
80 000
Luminous flux decline (LLMF) 50.000h Ta25
0.80
Housing
Body Material
ABS plastic
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Height (mm)
32
Diameter (mm)
250
Cut out (mm)
230
Item Net Weight (kg)
0.9384
Cut out diameter
230
Termination
Termination
3x2x2.5mm2 Push In
Plug Type
Linect
Logistic Data
Item Gross Weight (kg)
1.02


Similar Part No. - D35530644

ManufacturerPart #DatasheetDescription
logo
Glamox
D35530640 GLAMOX-D35530640 Datasheet
291Kb / 2P
D35-R180 LED 1000 DALI830 LI MP
D35530641 GLAMOX-D35530641 Datasheet
288Kb / 2P
D35-R180 LED 1000 DALI830 LI OP
D35530642 GLAMOX-D35530642 Datasheet
294Kb / 2P
D35-R230 LED 1400 DALI830 LI MP
D35530643 GLAMOX-D35530643 Datasheet
290Kb / 2P
D35-R230 LED 1400 DALI830 LI OP
More results

Similar Description - D35530644

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC1232 IMPALA-ILC1232 Datasheet
75Kb / 5P
mP Supervisory Circuit
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
Intelligent MP
UMP EMERSON-NETWORKPOWER-UMP Datasheet
1Mb / 6P
關MP Series
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
logo
Molex Electronics Ltd.
1801600000 MOLEX-1801600000 Datasheet
513Kb / 4P
CREE MP-L EASY WHITE LED HOLDER
2009/06/18
1801600001 MOLEX-1801600001 Datasheet
513Kb / 4P
CREE MP-L EASY WHITE LED HOLDER
2009/06/18
1801600002 MOLEX-1801600002 Datasheet
513Kb / 4P
CREE MP-L EASY WHITE LED HOLDER
2009/06/18
1801600003 MOLEX-1801600003 Datasheet
513Kb / 4P
CREE MP-L EASY WHITE LED HOLDER
2009/06/18
logo
STMicroelectronics
RF5L051K4CB4 STMICROELECTRONICS-RF5L051K4CB4 Datasheet
1Mb / 12P
1400 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com