Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP-R6702-WT Datasheet(PDF) 11 Page - Brady Worldwide, Inc.

Part # IP-R6702-WT
Description  The perfect mix of performance and smarts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

IP-R6702-WT Datasheet(HTML) 11 Page - Brady Worldwide, Inc.

Back Button IP-R6702-WT Datasheet HTML 4Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 5Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 6Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 7Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 8Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 9Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 10Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 11Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 12Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BradyID.com/i5100 • 1-888-272-3946
11
Printer specifications
**
User should test to the application. Print performance on small labels or a part
that is below the minimum label dimension spec. is dependent on multiple
factors, including print speed, qty in print run, heat setting and the size/layout of
the printed elements.
*** Use narrow print roller with narrow media, but to avoid head damage, ALWAYS be
sure roller is wider than total media width, and ribbon is wider than the roller width.
**** Windows® is a registered trademark of Microsoft Corporation.
Model(s):
Model name
i5100 Industrial Label Printer
Media alignment
Center justified
User Interface:
Display type
Touchscreen color LCD
Display size (diagonal)
4.3 in.
Display resolution (h x w)
272 x 480 pixels
Display languages
Arabic (Egypt), Bulgarian, Chinese (simplified), Croatian,
Czech, Danish, Dutch, English, Finnish, French,
German, Greek, Hungarian, Italian, Korean, Lithuanian,
Macedonian, Norwegian, Persian (Farsi), Polish,
Portuguese, Romanian, Russian, Serbian, Slovenian,
Spanish (Castilian), Spanish (Mexico Latin Amer),
Swedish, Thai, Turkish
Display status bar
Brady mode or standard mode, ribbon and label
part number installed, amount of supplies remaining,
sensor activated, where to set sensor, receiving data,
record data stream, ribbon warning, Bluetooth, WLAN,
Ethernet, USB slave, time, presence of SD card and
USB stick
Print Head / Printing Characteristics:
Print resolution
300 dpi
600 dpi
Print method
Thermal transfer (300 or 600 dpi)
Direct thermal (300 dpi - material & printhead dependent)
Print color capability
Single print color
Print speed
Up to 11.8 in/sec (300 dpi)
Up to 5.9 in/sec (600 dpi)
Print width (max, cross-web)
4.16 in.
Print length (max, down-web)
6.6 ft.
Media cut-off
Tear bar, optional auto-cutter model
Media Characteristics:
IP-enabled printing
Yes - reads IP-enabled supplies for Brady mode
printing
Media width (cross-web
incl liner)
0.24 to 3.35 in. (continuous sleeves)
0.36 to 4.40 in. (other materials)
Label width (cross-web)
0.20 to 4.33 in.
Label length (down-web)**
0.20 in. minimum (w/no backfeed)
0.50 in. minimum (w/backfeed)
0.47 in. minimum (if cutting single label)
Media thickness
0.0024 in. to 0.029 in. (label materials)
0.070 in. max (push button labels)
0.043 in. max (heat shrink sleeves)
Media roll o.d. (max)
8.07 in.
Media roll core i.d.
3.0 to 3.94 in.
Media roll winding
Outside or inside
Internal rewind takeup roll
o.d. (max)
n/a
Internal rewind takeup roll core i.d.
n/a
Internal rewind takeup roll winding
n/a
Media styles
Die cut media, continuous media, 3 in. core roll-fed
media, fanfolded media (external feed), tagstock
liner-mounted, tagstock linerless, perforated materials,
adhesive labels, heat-shrink sleeves size 125 and
larger (single sided), continuous sleeves size 125 and
larger externally fed, self-laminating cable labels, raised
panel push button labels (with no backfeed or autocut),
rapido-style cable tags, Permashield style labels
Media material types****
IP-enabled media and ribbon rolls (for Brady mode
printing), PE (polyethylene), PET (polyester), PET
Metallized, PU (polyurethane), PVC (vinyl), PVF
(polyvinyl fluoride), PVDF (polyvinylidene fluoride), PP
(polypropylene), PI (polyimide), polyamide, polyether
polyurethane (Heatex™), raised panel push button
material, paper, destructible materials, tamper-evident
and tamper-resistant materials, other materials not listed
Media parts offering
2900+ stock parts and custom (made-to-spec) parts
Ribbon Characteristics:
Ribbon length (max)
1000 ft.
Ribbon roll o.d. (max)
2.74 in.
Ribbon roll core i.d.
No core needed (IP-enabled supplies), otherwise 1.0"
Ribbon width (cross-web)***
1.0 to 4.49 in.
Ink side
Inside or outside wound
Electronics:
Processor
32 bit 800 MHz clock rate
Memory (RAM)
256 MB
Data storage (IFFS)
50 MB
SD card slot (SDHC, SDXC)
512 GB max
Internal battery
For internal date and time (RTC)
Data storage when power off
Yes
Physical / Operational Characteristics:
Dimensions (closed) (h x w x d)
12.5 in. x 9.5 in. x 17.1 in.
Weight (empty)
14.6 lbs
Power supply
100 - 240V AC, 50/60 Hz, PFC
Power consumption
<10W standby / 150W typical / 300W max
Operating environment
0 - 40°C / 10 - 85% RH non condensing
Storage environment
0 - 60°C / 20 - 85% RH non condensing
Transport environment
-25 - 60°C / 20 - 85% RH non condensing
Agency approvals
CE, FCC class A, cUL. Contact Brady for up-to-date list
of environmental compliance information and agency
approvals and/or marks covering over 75 countries
(awarded or applied for)
Fonts and Graphics:
Font types (resident)
6 bitmap fonts - including OCR-A, OCR-B 3 vector fonts -
Swiss 721, Swiss bold 721, Monospace 821
Font types (storable to printer)
TrueType fonts storable to printer via jump drive
Font attributes
Bold, italic, underlined, outline, negative depending on font
Font scaling (bitmap)
Width & height range: 0.039 to 0.12 in. Zoom factor:
settings 2 to 10 rotation: 0°, 90°, 180°, 270°
Font scaling (vector & truetype)
Width and height range: 0.35 to 5.04 in. Zoom factor:
variable (dot-by-dot) rotation: 360° in steps of 1°
Character sets
Windows 1250 up to 1257, DOS 437,737,755,85
0,852,857,862,864,866,869, EBC DIC 500, ISO
8859-1 to-10 and -13 to -16, Win OEM 720, UTF8,
Macintosh, Roman, DEC MCS, KO18-R, All West
and East European characters and Latin, Cyrillic,
Greek, Hebrew, Arabic, simplified Chinese, and Thai
characters are supported
Graphic elements
Arrows, lines, rectangles, circles, ellipses; filled and
filled with fading
Graphic formats
PCX, IMG, BMP, TIF, MAC, PNG
Barcodes:
Barcode symbologies - linear
Code 39, Code 39 Full ASCII, Code 93, Code 128 A, B,
C, Codabar, Deutsche Post (indent- and routing), EAN
8, 13, EAN/UCC 128/GS1-128, EAN/UPC Appdx 2 and
Appdx 5, FIM, HIBC, Interleaved 2/5, JAN 8, 13, MSI,
Plessey, Postnet, RSS 14, UPC A, E, E0
Barcode symbologies - 2D
Aztec, DataMatrix, QR Code, PDF 417, UPS
MaxiCode, GS1 Databar, Codablock F, Micro PDF 17,
RSS 14 (truncated, limited, stacked, stacked omni-dir),
EAN/GS1 DataMatrix
Barcode attributes
Sizing: variable in height, modular width and ratio
Rotation: 0°, 90°, 180°, 270°
Interfaces and Connection:
USB 2.0 hi-speed device port
For PC connect
2 x USB host (back panel)
For scanner, keyboard, USB memory stick, USB
bluetooth adapter, USB WLAN stick w/antenna
1 x RS232-C
For serial cable connection. 1,200 - 230,400 baud/8 bit
1 x Ethernet 10/100 BASE-T
For networking, remote access, and firmware updates
1 x SD slot
For memory card (SDHC, SDXC)
Software and Firmware:
Label creation software
Brady Workstation (v4.1 or newer)
Brady LabelMark Software (v6.6.1 or newer)
WHQL certified Windows® drivers****
Windows 7, 8, 8.1, 10, Server 2008, 2008 R2, 2012,
2012 R2, 2016
Printer command language
Jscript - scripting commands for sending scripts to
the printer
Printer compiler language
abc basic - for placing embedded logic programming
and prompts onto the printer
Printer administration / monitoring
Web-based remote access - allows printer control,
configuration, firmware updates, memory card admin
and time/date synchronization, and will send printer
status, and error messages to users
Open source software
Go to www.BradyID.com/i5100compliance for a list of
open source software files used in this product
Options / Accessories:
Replacement print heads
Factory installed via Brady tech repair
Replacement print rollers***
Variable widths to protect print head with narrow
supplies - field installable
Auto cutter
Optional auto cutter model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com