Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP-R6702-WT Datasheet(PDF) 3 Page - Brady Worldwide, Inc.

Part # IP-R6702-WT
Description  The perfect mix of performance and smarts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

IP-R6702-WT Datasheet(HTML) 3 Page - Brady Worldwide, Inc.

  IP-R6702-WT Datasheet HTML 1Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 2Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 3Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 4Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 5Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 6Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 7Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 8Page - Brady Worldwide, Inc. IP-R6702-WT Datasheet HTML 9Page - Brady Worldwide, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BradyID.com/i5100 • 1-888-272-3946
3
1 Top-loading design
Reduces footprint in your workspace and simplifies
media alignment and loading
2 Ribbon takeup spindle
Both spindles are keyed for guaranteed correct ink-side
orientation and slip quickly into place with no complicated
ribbon thread-through, no axles to loosen or tighten and
no separate cardboard core needed
3 Print head
300 or 600 dpi print heads are interchangeable through
the Brady service department so you can change your
print resolution if your needs change
4 Media guide adjustment (center-aligned media)
A simple turn of the dial auto-centers the media guides
from 5.1 mm to 114 mm widths
5 Sensors
Both the gap and notch sensors are easy to adjust,
and with IP-enabled media rolls, sensors are
auto-detected and the correct settings are
displayed for the user
6 Color touchscreen control panel
Icons and sliders for easy printer setting adjustments and
information about parts when using Brady IP-enabled rolls
7 Roll holder with label part detection
Printer auto-detects IP-enabled label rolls to communicate
part set up information to both printer and Brady software. Holds
3 in. core roll
8 Ribbon cog with ribbon part detection
Printer auto-detects IP-enabled ribbon part and communicates ribbon
information to the user and warns if the incorrect ribbon is used
9 Interface options
2x USB, USB 2.0, RS-232C, Ethernet and SD card (back of printer)
Print roller
Green synthetic rubber rollers available in 4 widths and can be replaced
by the user if worn, or to pair a narrow roller with narrow media
Integrated auto-cutter (optional model)
Built-in cutter for complete cut through of approved media
11
10
1
7
8
9
3
4
5
2
11
6
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com