Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP-R6800-WT Datasheet(PDF) 6 Page - Brady Worldwide, Inc.

Part # IP-R6800-WT
Description  The perfect mix of performance and smarts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

IP-R6800-WT Datasheet(HTML) 6 Page - Brady Worldwide, Inc.

Back Button IP-R6800-WT Datasheet HTML 2Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 3Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 4Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 5Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 6Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 7Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 8Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 9Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 10Page - Brady Worldwide, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Reduce print head
wear with variable
roller widths
To keep your printer running smoothly and to avoid
unnecessary costs, the BradyPrinter i5100 has rollers
available in a variety of widths that can be quickly changed
out and replaced to improve print head life. These rollers
are designed to be used with materials that are similar
widths to help reduce wear on the print head.
Connect with confidence
The i5100 provides a diverse set of connection ports on
the back of the printer, allowing you to connect common
devices to the printer.
1
SD memory card slot
2
2 x USB host ports (for memory stick, scanner,
keyboard, BT adapter, WLAN stick and service key)
3
USB 2.0 Hi-speed device port for PC connection
4
Ethernet 10/100 BASE-T port
5
RS232C Interface 1.200 to 230.400 baud/8 bit
6
WLAN hotspot or infrastructure mode (in hotspot mode
it is possible to directly connect a mobile device to the
printer via WLAN)
1
2
6
4
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com