Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP-R6800-WT Datasheet(PDF) 7 Page - Brady Worldwide, Inc.

Part # IP-R6800-WT
Description  The perfect mix of performance and smarts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

IP-R6800-WT Datasheet(HTML) 7 Page - Brady Worldwide, Inc.

Back Button IP-R6800-WT Datasheet HTML 3Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 4Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 5Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 6Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 7Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 8Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 9Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 10Page - Brady Worldwide, Inc. IP-R6800-WT Datasheet HTML 11Page - Brady Worldwide, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BradyID.com/i5100 • 1-888-272-3946
7
BradyPrinter i5100 printers and accessories
Printers
Printers ship ready to use with 1 auto-detect media roll holder, 1 ribbon takeup spindle, power cord, USB cable,
user manual, user license for Brady Workstation PWID Software suite, and a CD that contains drivers, user manual
in 24 languages and configuration manual.
Catalog #
Description
Details
149452
i5100 Industrial Label Printer,
Standard Version, 300 dpi
Prints on labels, tags and select continuous media wound on rolls or fanfolded. Media is torn off after printing
using tear bar that is standard on printer.
149455
i5100 Industrial Label Printer,
Standard Version, 600 dpi
Prints on labels, tags and select continuous media wound on rolls or fanfolded. Media is torn off after printing
using tear bar that is standard on printer. 600 dpi head is ideal for smaller fonts, intricate graphics and bar
coding, including 2D codes.
149453
i5100 Industrial Label Printer,
Auto Cutter Version, 300 dpi
In addition to the capabilities of standard model, this configuration has a built-in auto cutter and tear bar to allow
for tear-off or complete cut-through printing. Cutting is limited to cuttable materials at down-web label lengths of
12 mm or greater.
149456
i5100 Industrial Label Printer,
Auto Cutter Version, 600 dpi
In addition to the capabilities of standard model, this configuration has a built-in auto cutter and tear bar to allow
for tear-off or complete cut-through printing. Cutting is limited to cuttable materials at down-web label lengths of
12 mm or greater. 600 dpi head is ideal for smaller fonts, intricate graphics and bar coding, including 2D codes.
Accessories
Catalog #
Description
Details
149470
Spare i5100/IP Media Roll
Holder, Auto-detect
Holds 3 in. open core media rolls and auto-detects Brady IP-enabled media rolls. Separates and slides back together
easily for fast self-centering installation of media roll. Also fits Brady IP-model printers.
149562
Spare i5100/IP Ribbon
Takeup Spindle
Features flexible green tab for faster ribbon threading and a quick-release lever for removing used ribbon from spindle.
When using this spindle, no separate cardboard ribbon core is needed. Also fits Brady IP-model printers.
149131
USB WLAN Stick
2.4 GHz 802.11b/g/n + 5 GHz a/n/ac with rod antenna for extended reach.
149080
USB Bluetooth Adapter
USB Bluetooth adapter.
149563
RS232 Cable
Connecting cable RS232 C 9/9 pin, 3 m length.
Catalog #
Description
Details
149471
Print Roller 120 mm
For media up to 119 mm wide. Use ribbon that is at least 121 mm wide.
149598
Print Roller 80 mm
For media up to 79 mm wide. Use ribbon that is at least 81 mm wide.
149473
Print Roller 50 mm
For media up to 49 mm wide. Use ribbon that is at least 51 mm wide.
149472
Print Roller 25 mm
For media up to 24 mm wide. Use ribbon that is at least 26 mm wide.
PCK-6
IPA Printer Cleaning Swabs Pre-soaked in IPA, lint-free synthetic cleaning swabs for cleaning rollers, print heads and sensors. Package of 50
individually wrapped swabs.
Replaceable print rollers
Minimize wear on the print head by pairing narrow rollers with narrow media — always be sure the roller is wider than
the label media and the ribbon is wider than the roller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com