Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5238BCRZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5238BCRZN-R7
Description  High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5238BCRZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5238BCRZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
ADRF5238
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 8 of 13
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 6, 10, 12
GND
Grounds. The package bottom has an exposed metal pad that must connect to the PCB RF ground.
2
RFC
RF Common Port. The RFC pin is DC-coupled and matched to 50Ω. A DC blocking capacitor is required on this pin. See Figure 5 for the
interface schematic.
5
RF2
RF Throw Port 2. The RF2 pin is DC-coupled and matched to 50Ω. A DC blocking capacitor is required on this pin. See Figure 5 for the
interface schematic.
7
CTRL
Control Input Pin. See Figure 6 for the CTRL interface schematic.
8
EN
Enable Input Pin. See Figure 7 for the EN interface schematic.
9
VDD
Supply Voltage Pin. See Figure 8 for the interface schematic.
11
RF1
RF Throw Port 1. The RF1 pin is DC-coupled and matched to 50Ω. A DC blocking capacitor is required on this pin. See Figure 5 for the
interface schematic.
EPAD
Exposed Pad. Exposed pad must be connected to RF and DC ground.
INTERFACE SCHEMATICS
Figure 5. RFC, RF1, and RF2 Interface Schematic
Figure 6. CTRL Interface Schematic
Figure 7. EN Interface Schematic
Figure 8. VDD Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com