Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5238BCRZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5238BCRZN-R7
Description  High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5238BCRZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5238BCRZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5238BCRZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
ADRF5238
THEORY OF OPERATION
analog.com
Rev. 0 | 11 of 13
The ADRF5238 integrates a driver to perform logic functions inter-
nally and to provide the advantage of a simplified CMOS-/LVTTL-
compatible control interface. There are two digital control input pins
(EN and CTRL) that determine which RF port is in the insertion loss
state and in the isolation state. See Table 7 for the control voltage
truth table.
When the EN pin is logic high, all RF paths are in isolation state
regardless of the logic state of the CTRL pin. The RFx ports are
terminated to internal 50Ω resistors, and RFC becomes reflective.
RF INPUT AND OUTPUT
The RF pins (RFC, RF1, and RF2) are DC-coupled, and DC
blocking capacitors are required on the RF lines. The RF ports are
internally matched to 50Ω. Therefore, external matching networks
are not required.
When the EN pin is logic low, the logic level applied to the CTRL
pin determines which RF port is in an insertion loss state and which
RF port is in an isolation state. The insertion loss path conducts the
RF signal between the selected RF throw port and the RF common
port. The isolation path provides high loss between the insertion
loss path and the unselected RF throw port that is terminated to an
internal 50Ω resistor.
When the EN pin is logic high, the switch is in an all off state
regardless of the logic state of the CTRL pin. Both the RF1 to RFC
path and the RF2 to RFC path are in an isolation state. The RF1
and RF2 ports are terminated to internal 50Ω resistors, and the
RFC port becomes reflective open.
The ADRF5238 is bidirectional with equal power handling capabili-
ties. The RF input signal can be applied to the RFC port or the
selected RF throw port.
POWER SUPPLY
The ADRF5238 requires a positive supply on the VDD pin. Bypass-
ing capacitors are recommended on the supply lines to minimize
RF coupling.
The power-up sequence is as follows:
1. Connect GND.
2. Power up VDD.
3. Apply the digital control inputs. The relative order of the logic
control inputs is not important. Powering the digital control
inputs before VDD can inadvertently forward bias and damage
ESD protection structures. To avoid this damage, use a series
1kΩ resistor to limit the current flowing into the digital control
pins. Use pull-up or pull-down resistors if the controller is in a
high impedance state after VDD is powered up and the control
pins are not driven to a valid logic state.
4. Apply RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.
Table 7. Control Voltage Truth Table
CTRL State
EN State
RFC to RF1
RFC to RF2
Low
Low
Off
On
High
Low
On
Off
Low
High
Off
Off
High
High
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com