Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5448BCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5448BCZ
Description  Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5448BCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5448BCZ Datasheet HTML 6Page - Analog Devices ADRF5448BCZ Datasheet HTML 7Page - Analog Devices ADRF5448BCZ Datasheet HTML 8Page - Analog Devices ADRF5448BCZ Datasheet HTML 9Page - Analog Devices ADRF5448BCZ Datasheet HTML 10Page - Analog Devices ADRF5448BCZ Datasheet HTML 11Page - Analog Devices ADRF5448BCZ Datasheet HTML 12Page - Analog Devices ADRF5448BCZ Datasheet HTML 13Page - Analog Devices ADRF5448BCZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
ADRF5448
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 14
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
VDD = +3.3 V, VSS = −3.3 V, VCTRL = 0 V or VDD, TDIE = 25°C, and a 50 Ω system, unless otherwise noted.
Figure 20. Input P0.1dB vs. Frequency
Figure 21. Input IP3 vs. Frequency
Figure 22. Input P0.1dB vs. Frequency, Low Frequency Detail
Figure 23. Input IP3 vs. Frequency, Low Frequency Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com