Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5448BCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5448BCZ
Description  Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5448BCZ Datasheet(HTML) 1 Page - Analog Devices

  ADRF5448BCZ Datasheet HTML 1Page - Analog Devices ADRF5448BCZ Datasheet HTML 2Page - Analog Devices ADRF5448BCZ Datasheet HTML 3Page - Analog Devices ADRF5448BCZ Datasheet HTML 4Page - Analog Devices ADRF5448BCZ Datasheet HTML 5Page - Analog Devices ADRF5448BCZ Datasheet HTML 6Page - Analog Devices ADRF5448BCZ Datasheet HTML 7Page - Analog Devices ADRF5448BCZ Datasheet HTML 8Page - Analog Devices ADRF5448BCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
ADRF5448
Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawideband frequency range: 100 MHz to 45 GHz
►
Nonreflective 50 Ω design
►
Low insertion loss
►
1.4 dB at 18 GHz typical
►
2.4 dB at 40 GHz typical
►
3.5 dB at 45 GHz typical
►
High isolation
►
55 dB at 18 GHz typical
►
42 dB at 40 GHz typical
►
43 dB at 45 GHz typical
►
High input linearity
►
P0.1dB: 29 dBm typical
►
IIP3: 52 dBm typical
►
High power handling
►
29 dBm through path
►
17.5 dBm terminated path
►
29 dBm hot switching
►
No low frequency spurs
►
On and off time (50% VCTRL to 10% to 90% of RFOUT): 20 ns
►
0.1 dB settling time (50% VCTRL to 0.1 dB of final RFOUT): 60 ns
►
33-pad, 2.971 mm × 3.021 mm, Bare Die [CHIP]
APPLICATIONS
►
Industrial scanners
►
Test instrumentation
►
Cellular infrastructure mmWave 5G
►
Military radios, radars, and electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5448 is a nonreflective, SP4T switch manufactured in the
silicon process attached on a gallium arsenide (GaAs) carrier sub-
strate. The substrate incorporates the bond pads for chip and wire
assembly, and the bottom of the device is metalized, connected to
ground.
The ADRF5448 operates from 100 MHz to 45 GHz with insertion
loss less than 3.5 dB and isolation higher than 40 dB. The device
has an RF input, power handling capability of 29 dBm for the
through path, 17.5 dBm for the terminated path, and 29 dBm for the
hot switching.
The ADRF5448 requires a positive supply (VDD) of +3.3 V and a
negative supply (VSS) of −3.3 V. The device employs complemen-
tary metal-oxide semiconductor (CMOS)-/low-voltage transistor to
transistor logic (LVTTL)-compatible controls.
The ADRF5448 is designed to match a characteristic impedance of
50 Ω and can operate from −40°C to +105°C.


Similar Part No. - ADRF5448BCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5440 AD-ADRF5440 Datasheet
948Kb / 18P
Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
Rev. A
ADRF5440BCDZ AD-ADRF5440BCDZ Datasheet
948Kb / 18P
Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
Rev. A
ADRF5440BCDZ-R7 AD-ADRF5440BCDZ-R7 Datasheet
948Kb / 18P
Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
Rev. A
More results

Similar Description - ADRF5448BCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
ADRF5424 AD-ADRF5424 Datasheet
643Kb / 12P
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
Rev. PrD
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com