Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5440BCDZ-R7 Datasheet (PDF) - Analog Devices

ADRF5440BCDZ-R7 Datasheet PDF - Analog Devices
Part # ADRF5440BCDZ-R7
Download  ADRF5440BCDZ-R7 Download
File Size   948.92 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz

ADRF5440BCDZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5440BCDZ-R7 Datasheet PDF - Analog Devices

Part # ADRF5440BCDZ-R7
Download  ADRF5440BCDZ-R7 Click to download

File Size   948.92 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz

ADRF5440BCDZ-R7 Datasheet (HTML) - Analog Devices


ADRF5440BCDZ-R7 Product details

FEATURES
► Frequency range: 1GHz to 81GHz
► Low insertion loss
► 1.9dB typical to 40GHz
► 3.0dB typical to 67GHz
► 4.0dB typical to 81GHz
► High Isolation
► 39dB typical up to 40GHz
► 30dB typical up to 67GHz
► 20dB typical up to 81GHz
► High input linearity
► P0.1dB: 25dBm typical
► IP3: 47dBm typical
► High RF input power handling
► Through path: 24dBm
► Hot switching: 24dBm
► No low frequency spurs
► CMOS-/LVTTL-compatible
► Fast on time and off time: 25ns
► RF settling time (50% VCTRL to 0.1dB of final RF output): 35ns
► Single-supply operation capability (VDD = 3.3V and VSS = 0V)
► 56-ball, 2.390mm × 2.540mm, bumped, bare die sales




Similar Part No. - ADRF5440BCDZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5448 AD-ADRF5448 Datasheet
916Kb / 14P
Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5448BCZ AD-ADRF5448BCZ Datasheet
916Kb / 14P
Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5448BCZ-GP AD-ADRF5448BCZ-GP Datasheet
916Kb / 14P
Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5448BCZ-SX AD-ADRF5448BCZ-SX Datasheet
916Kb / 14P
Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results


Similar Description - ADRF5440BCDZ-R7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS4306-FC TRIQUINT-TGS4306-FC Datasheet
277Kb / 11P
70-90 GHz SP4T Switch Flip Chip
TGS4306-FC TRIQUINT-TGS4306-FC_15 Datasheet
277Kb / 11P
70-90 GHz SP4T Switch Flip Chip
logo
Pasternack Enterprises,...
PE71S6127 PASTERNACK-PE71S6127 Datasheet
439Kb / 4P
SP4T Switch
logo
Analog Devices
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5047 AD-ADRF5047 Datasheet
552Kb / 15P
Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
11/2019-Revision 0
ADRF5044 AD-ADRF5044 Datasheet
476Kb / 14P
100 MHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
9 kHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com