Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5440BCDZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5440BCDZ-R7
Description  Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5440BCDZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5440BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 12Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 13Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet
ADRF5440
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 10 of 18
INSERTION LOSS, RETURN LOSS, AND ISOLATION
VDD = 3.3V, VSS = −3.3V, V1 = V2 = 0V or VDD, and TCASE = 25°C for a 50Ω system, unless otherwise noted. Insertion loss, return loss, and
isolation are measured on the probe board using ground-signal-ground (GSG) probes close to the RFx pins.
Figure 9. Insertion Loss for RFC to RFx On vs. Frequency
Figure 10. Return Loss for RFC when RFx Selected vs. Frequency
Figure 11. Isolation for RFC to RFx Off vs. Frequency, RFC to RF1 Path On
(SIM Is Simulated Data)
Figure 12. Insertion Loss for RFC to RF1 On vs. Frequency over Various
Temperature
Figure 13. Return Loss for RFx Selected vs. Frequency
Figure 14. Isolation for RFC to RFx Off vs. Frequency, RFC to RF2 Path On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com