Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5440BCDZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5440BCDZ-R7
Description  Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5440BCDZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5440BCDZ-R7 Datasheet HTML 3Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
ADRF5440
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 7 of 18
Figure 4. Pin Configuration (Top View—Ball Side Down)
Table 6. Pin Function Descriptions
Ball No.
Mnemonic
X Coordinate (mm)
Y Coordinate (mm)
Description
A8
GND
+0.400
+1.150
Ground.
A9
GND
+0.700
+1.150
Ground.
B1
V2
−1.0
+1.050
Control Input Voltage. See Figure 5 for the interface schematic.
B5
RF1
−0.275
+1.050
RF Port 1. The RF1 pin is DC-coupled and biased to 0V and AC matched to 50Ω. No DC
blocking capacitor is necessary when the RF line potential is equal to 0V DC. See Figure 6
for the interface schematic.
B7
GND
+0.100
+1.050
Ground.
B10
GND
+1.000
+1.050
Ground.
C3
GND
−0.700
+0.900
Ground.
C8
GND
+0.400
+0.900
Ground.
C9
GND
+0.700
+0.900
Ground.
D1
V1
−1.0
+0.750
Control Input Voltage. See Figure 5 for the interface schematic.
D4
GND
−0.400
+0.750
Ground.
D6
GND
−0.150
+0.750
Ground.
D7
GND
+0.100
+0.750
Ground.
E10
RF2
+1.000
+0.700
RF Port 2. The RF2 pin is DC-coupled and biased to 0V and AC matched to 50Ω. No DC
blocking capacitor is necessary when the RF line potential is equal to 0V DC. See Figure 6
for the interface schematic.
F3
GND
−0.700
+0.600
Ground.
G1
GND
−1.0
+0.450
Ground.
G4
GND
−0.400
+0.450
Ground.
G6
GND
−0.150
+0.450
Ground.
G7
GND
+0.100
+0.450
Ground.
G9
GND
+0.700
+0.450
Ground.
H3
GND
−0.700
+0.300
Ground.
H10
GND
+1.000
+0.300
Ground.
J4
GND
−0.400
+0.150
Ground.
J6
GND
−0.150
+0.150
Ground.
J7
GND
+0.100
+0.150
Ground.
J8
GND
+0.400
+0.150
Ground.
J9
GND
+0.700
+0.150
Ground.
K2
RFC
−0.850
+0.000
RF Common Port. The RFC pin is DC-coupled and biased to 0V and AC matched to 50Ω. No
DC blocking capacitor is necessary when the RF line potential is equal to 0V DC. See Figure
6 for the interface schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com