Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5440BCDZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5440BCDZ-R7
Description  Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5440BCDZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5440BCDZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet
ADRF5440
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 8 of 18
Table 6. Pin Function Descriptions (Continued)
Ball No.
Mnemonic
X Coordinate (mm)
Y Coordinate (mm)
Description
K10
GND
+1.000
+0.000
Ground.
L4
GND
−0.400
−0.150
Ground.
L6
GND
−0.150
−0.150
Ground.
L7
GND
+0.100
−0.150
Ground.
L8
GND
+0.400
−0.150
Ground.
L9
GND
+0.700
−0.150
Ground.
M3
GND
−0.700
−0.300
Ground.
M10
GND
+1.000
−0.300
Ground.
N1
GND
−1.0
−0.450
Ground.
N4
GND
−0.400
−0.450
Ground.
N6
GND
−0.150
−0.450
Ground.
N7
GND
+0.100
−0.450
Ground.
N9
GND
+0.700
−0.450
Ground.
P3
GND
−0.700
−0.600
Ground.
R10
RF3
+1.000
−0.700
RF Port 3. The RF3 pin is DC-coupled and biased to 0V and AC matched to 50Ω. No DC
blocking capacitor is necessary when the RF line potential is equal to 0V DC. See Figure 6
for the interface schematic.
T1
VSS
−1.0
−0.750
Negative Supply Voltage. See Figure 7 for the interface schematic.
T4
GND
−0.400
−0.750
Ground.
T6
GND
−0.150
−0.750
Ground.
T7
GND
+0.100
−0.750
Ground.
U3
GND
−0.700
−0.900
Ground.
U8
GND
+0.400
−0.900
Ground.
U9
GND
+0.700
−0.900
Ground.
V1
VDD
−1.0
−1.050
Positive Supply Voltage. See Figure 8 for the interface schematic.
V5
RF4
−0.275
−1.050
RF Port 4. The RF4 pin is DC-coupled and biased to 0V and AC matched to 50Ω. No DC
blocking capacitor is necessary when the RF line potential is equal to 0V DC. See Figure 6
for the interface schematic.
V7
GND
+0.100
−0.150
Ground.
V10
GND
+1.000
−1.050
Ground.
W8
GND
+0.400
−1.150
Ground.
W9
GND
+0.700
−1.150
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com