Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5440BCDZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5440BCDZ-R7
Description  Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5440BCDZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5440BCDZ-R7 Datasheet HTML 1Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 2Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 3Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
ADRF5440
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 5 of 18
For the recommended operating conditions, see Table 1.
Table 3. Absolute Maximum Ratings
Parameter
Rating
Positive Supply Voltage
−0.3V to +3.6V
Negative Supply Voltage
−3.6V to +0.3V
Digital Control Input Voltage1
Voltage
−0.3V to VDD + 0.3V
Current
3mA
RF Input Power, Dual Supply2 (VDD = 3.3V, VSS
= −3.3V, f = 3GHz to 70GHz, TCASE = 85°C3)
Through Path
25dBm
Hot Switching (RFC)
25dBm
RF Input Power, Single Supply (VDD = 3.3V, VSS
= 0V, f = 3GHz to 70GHz, TCASE = 85°C3)
Through Path
14dBm
Hot Switching (RFC)
14dBm
RF Input Power, Unbiased (VDD and VSS = 0V)
14dBm
Temperature
Junction, TJ
135°C
Storage Range
−65°C to +150°C
Reflow
260°C
1 Overvoltages at digital control inputs are clamped by internal diodes. Current
must be limited to the maximum rating given.
2 For power derating over frequency, see Figure 2 and Figure 3.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C
specification by 3dB for dual supply and 1dB for single supply.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
Only one absolute maximum rating can be applied at any one time.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to case bottom (channel to package bottom)
thermal resistance.
Table 4. Thermal Resistance
Package Type
θJC1
Unit
CD-56-1, Through Path
360
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to the thermal conduction from the channel through the
ground pad to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
POWER DERATING CURVES
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C
Figure 3. Power Derating vs. Frequency, High Frequency Detail, TCASE = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com