Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5440BCDZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5440BCDZ-R7
Description  Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5440BCDZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5440BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 12Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 13Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 14Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
ADRF5440
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 11 of 18
Figure 15. Isolation for RFC to RFx Off vs. Frequency, RFC to RF3 Path On
Figure 16. Channel to Channel Isolation vs. Frequency, RFC to RF1 Path On
Figure 17. Channel to Channel Isolation vs. Frequency, RFC to RF3 Path On
Figure 18. Isolation for RFC to RFx Off vs. Frequency, RFC to RF4 Path On
Figure 19. Channel to Channel Isolation vs. Frequency, RFC to RF2 Path On
Figure 20. Channel to Channel Isolation vs. Frequency, RFC to RF4 Path On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com