Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5440BCDZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF5440BCDZ-R7
Description  Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5440BCDZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF5440BCDZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 12Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 13Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 14Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 15Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 16Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 17Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Data Sheet
ADRF5440
APPLICATIONS INFORMATION
analog.com
Rev. A | 17 of 18
DIE ASSEMBLY
The ADRF5440 complies with the standard RoHS reflow assembly
process and can be assembled together with other surface-mount-
ed technology (SMT) components in the same reflow cycle. The
PCB must incorporate fiducials close to the device to get the best
pick and place accuracy.
The top copper layer of the PCB is designed for optimum RF
performance, and the solder mask and paste mask layers are
designed for optimum assembly yield. The ground pads are drawn
as solder mask defined. The signal pads are drawn as pad defined.
The same solder mask and paste mask design is used for both
pads. Alternatively, the ADRF5440 can be assembled without ap-
plying a solder paste on the PCB. If no solder paste is applied, the
device must be dipped into flux prior to placement on the PCB.
Reflow Assembly with Solder Paste
Solder mask openings of 175µm in a square shape are recom-
mended for the signal and RF pads, and solder mask openings of
150µm in a square shape are recommended for the GND pads.
Solder mask thickness must not exceed 50µm. Paste mask is
drawn circular with a 150µm diameter. Using a stencil with 2mil
thickness and no aperture, reduction yields the optimum paste
mask print. The device does not need any flux dipping during the
pick and place process.
Figure 28. Recommended Footprint for Solder Paste
Reflow Assembly with Flux Dipping
Solder mask openings in a circular shape and 130µm in diameter
are recommended. Solder mask thickness must not exceed 50µm.
Solder paste is not applied. The device is dipped into flux prior to
placement on the board.
Figure 29. Recommended Footprint for Flux Dip Assembly
Assembly Durability
The device is a bumped die. The bump composition is copper (Cu)
pillar with a plated tin (Sn) and silver (Ag) solder-cap, which forms
the device interconnect to PCB when it is attached with reflow. The
integrity of the interconnect structures and solder joints are compro-
mised by the accumulated stress over temperature due to a mis-
match of the thermomechanical properties of the different materials
in the complete assembly of the user hardware. The ADRF5440
fulfills the JEDEC JED47L requirements under the JESD22-A104
condition J (0-100C) for 2300 temperature cycles while mounted
on a 0.75mm thick laminate PCB, which is assembled using solder
paste reflow and without any underfill material applied. Users must
qualify their hardware for the environmental conditions aligned with
their end-use requirements because differences in PCB properties
and design, varied number of temperature cycles, soak and dwell
times, changes in temperature range, can affect thermomechanical
results. Note that using a proper underfill adhesive significantly
improves the integrity of the device assembly by reducing the stress
exposed to the interconnect structures and solder joints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com