Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5440BCDZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5440BCDZ-R7
Description  Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5440BCDZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5440BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 12Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 13Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 14Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 15Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Data Sheet
ADRF5440
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 12 of 18
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
VDD = 3.3V, VSS = −3.3V, V1 = V2 = 0V or VDD, and TCASE = 25°C for a 50Ω system, unless otherwise noted. The large signal performance
parameters are measured on a connectorized board.
Figure 21. Input P0.1dB vs. Frequency
Figure 22. Input IP3 vs. Frequency
Figure 23. Input P1dB vs. Frequency (Low Frequency Detail)
Figure 24. Input IP3 vs. Frequency (Low Frequency Detail)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com