Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5440BCDZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5440BCDZ-R7
Description  Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5440BCDZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5440BCDZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 12Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 13Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 14Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 15Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 16Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 17Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Data Sheet
ADRF5440
THEORY OF OPERATION
analog.com
Rev. A | 14 of 18
RF INPUT AND OUTPUT
The RF ports (RFC, RF1 to RF4) are DC-coupled to 0V, and no DC
blocking is required at the RF ports when the RF line potential is
equal to 0V. The RF ports are internally matched to 50Ω.
The ADRF5440 is bidirectional with equal power handling capabili-
ties. The RF input signal can be applied to the RFC port or the
selected RF throw port.
The insertion loss path conducts the RF signal between the select-
ed RF throw port and the RF common port. The isolation paths
provide high loss between the insertion loss path and the unselect-
ed RF throw ports. The unselected RF ports of the ADRF5440 are
reflective.
The power handling of the ADRF5440 derates with frequency less
than 3GHz and more than 70GHz. See Figure 2 and Figure 3 for
the derating of the RF power towards lower and higher frequencies.
POWER SUPPLY
The ADRF5440 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to filter
high frequency noise.
The ideal power-up sequence is as follows:
1. Connect to GND.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp up.
3. Apply the digital control inputs (V1 and V2). The relative order
of the control inputs is not important. However, powering the
digital control inputs before the VDD supply can inadvertently
forward bias and damage the internal ESD protection struc-
tures. To avoid this damage, use a series 1kΩ resistor to
limit the current flowing into the control pins. Use pull-up or
pull-down resistors if the controller is in a high impedance state
after VDD is powered up and the control pins are not driven to a
valid logic state.
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com