Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5448BCZ-GP Datasheet (PDF) - Analog Devices

ADRF5448BCZ-GP Datasheet PDF - Analog Devices
Part # ADRF5448BCZ-GP
Download  ADRF5448BCZ-GP Download
File Size   916.46 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz

ADRF5448BCZ-GP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5448BCZ-GP Datasheet PDF - Analog Devices

Part # ADRF5448BCZ-GP
Download  ADRF5448BCZ-GP Click to download

File Size   916.46 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz

ADRF5448BCZ-GP Datasheet (HTML) - Analog Devices


ADRF5448BCZ-GP Product details

FEATURES
► Ultrawideband frequency range: 100 MHz to 45 GHz
► Nonreflective 50 Ω design
► Low insertion loss
► 1.4 dB at 18 GHz typical
► 2.4 dB at 40 GHz typical
► 3.5 dB at 45 GHz typical
► High isolation
► 55 dB at 18 GHz typical
► 42 dB at 40 GHz typical
► 43 dB at 45 GHz typical
► High input linearity
► P0.1dB: 29 dBm typical
► IIP3: 52 dBm typical
► High power handling
► 29 dBm through path
► 17.5 dBm terminated path
► 29 dBm hot switching
► No low frequency spurs
► On and off time (50% VCTRL to 10% to 90% of RFOUT): 20 ns
► 0.1 dB settling time (50% VCTRL to 0.1 dB of final RFOUT): 60 ns
► 33-pad, 2.971 mm × 3.021 mm, Bare Die [CHIP]




Similar Part No. - ADRF5448BCZ-GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5440 AD-ADRF5440 Datasheet
948Kb / 18P
Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
Rev. A
ADRF5440BCDZ AD-ADRF5440BCDZ Datasheet
948Kb / 18P
Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
Rev. A
ADRF5440BCDZ-R7 AD-ADRF5440BCDZ-R7 Datasheet
948Kb / 18P
Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
Rev. A
More results


Similar Description - ADRF5448BCZ-GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
ADRF5424 AD-ADRF5424 Datasheet
643Kb / 12P
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
Rev. PrD
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com