Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5448BCZ-GP Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5448BCZ-GP
Description  Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5448BCZ-GP Datasheet(HTML) 3 Page - Analog Devices

  ADRF5448BCZ-GP Datasheet HTML 1Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 2Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 3Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 4Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 5Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 6Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 7Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 8Page - Analog Devices ADRF5448BCZ-GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADRF5448
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 14
VDD = +3.3 V, VSS = −3.3 V, control voltage (VCTRL) = 0 V or VDD, TDIE = 25°C, and a 50 Ω system, unless otherwise noted. RFx refers to RF1 to
RF4.
Table 1. Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.1
45
GHz
INSERTION LOSS
Between RFC and RFx (On)
100 MHz to 18 GHz
1.4
dB
18 GHz to 26 GHz
1.7
dB
26 GHz to 35 GHz
2.2
dB
35 GHz to 40 GHz
2.4
dB
40 GHz to 45 GHz
3.5
dB
ISOLATION
Between RFC and RFx (Off)
100 MHz to 18 GHz
55
dB
18 GHz to 26 GHz
46
dB
26 GHz to 35 GHz
42
dB
35 GHz to 40 GHz
40
dB
40 GHz to 45 GHz
40
dB
Between RFC and RFx (Off)
100 MHz to 18 GHz
55
dB
18 GHz to 26 GHz
50
dB
26 GHz to 35 GHz
44
dB
35 GHz to 40 GHz
42
dB
40 GHz to 45 GHz
43
dB
RETURN LOSS
RFC
100 MHz to 18 GHz
16
dB
18 GHz to 26 GHz
22
dB
26 GHz to 35 GHz
17
dB
35 GHz to 40 GHz
18
dB
40 GHz to 45 GHz
11
dB
RFx (On)
100 MHz to 18 GHz
20
dB
18 GHz to 26 GHz
17
dB
26 GHz to 35 GHz
15
dB
35 GHz to 40 GHz
16
dB
40 GHz to 45 GHz
11
dB
RFx (Off)
100 MHz to 18 GHz
17
dB
18 GHz to 26 GHz
15
dB
26 GHz to 35 GHz
13
dB
35 GHz to 40 GHz
13
dB
40 GHz to 45 GHz
13
dB
SWITCHING
Rise Time and Fall Time
tRISE, tFALL
90% to 10% of RF output (RFOUT)
4
ns
On Time and Off Time
tON, tOFF
50% VCTRL to 10% to 90% of RFOUT
20
ns
0.1 dB Settling Time
50% VCTRL to 0.1 dB of final RFOUT
60
ns
INPUT LINEARITY1
0.1 dB Power Compression
P0.1dB
f = 0.3 GHz to 40 GHz
29
dBm
Third-Order Intercept
IIP3
Two-tone input power = 14 dBm continuous wave per tone, f
= 1 GHz to 40 GHz, Δf = 1 MHz
52
dBm
SUPPLY CURRENT
VDD and VSS
Positive Supply Current
IDD
150
μA
Negative Supply Current
ISS
520
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com