Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5702
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702 Datasheet(HTML) 2 Page - Analog Devices

  ADRF5702 Datasheet HTML 1Page - Analog Devices ADRF5702 Datasheet HTML 2Page - Analog Devices ADRF5702 Datasheet HTML 3Page - Analog Devices ADRF5702 Datasheet HTML 4Page - Analog Devices ADRF5702 Datasheet HTML 5Page - Analog Devices ADRF5702 Datasheet HTML 6Page - Analog Devices ADRF5702 Datasheet HTML 7Page - Analog Devices ADRF5702 Datasheet HTML 8Page - Analog Devices ADRF5702 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Data Sheet
ADRF5702
TABLE OF CONTENTS
analog.com
Rev. A | 2 of 27
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Electrical Specifications......................................3
Timing Specifications......................................... 8
Absolute Maximum Ratings...................................9
Thermal Resistance........................................... 9
Power Derating Curves...................................... 9
Electrostatic Discharge (ESD) Ratings.............10
ESD Caution.....................................................10
Pin Configuration and Function Descriptions.......11
Interface Schematics........................................12
Typical Performance Characteristics................... 13
Insertion and Return Loss, Attenuation,
Step and State Error, and Relative Phase......13
Input Power Compression and Third-Order
Intercept......................................................... 21
Theory of Operation.............................................23
Power Supply................................................... 23
RF Input and Output.........................................23
Serial or Parallel Mode Selection..................... 24
Serial Mode Interface....................................... 24
Parallel Mode Interface.................................... 25
Applications Information...................................... 26
Recommendations for PCB Design..................26
Outline Dimensions............................................. 27
Ordering Guide.................................................27
Evaluation Boards............................................ 27
REVISION HISTORY
7/2025—Rev. 0 to Rev. A
Changes to Figure 55.................................................................................................................................... 25
Added Evaluation Boards.............................................................................................................................. 27
6/2025—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com