Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF5702
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF5702 Datasheet HTML 17Page - Analog Devices ADRF5702 Datasheet HTML 18Page - Analog Devices ADRF5702 Datasheet HTML 19Page - Analog Devices ADRF5702 Datasheet HTML 20Page - Analog Devices ADRF5702 Datasheet HTML 21Page - Analog Devices ADRF5702 Datasheet HTML 22Page - Analog Devices ADRF5702 Datasheet HTML 23Page - Analog Devices ADRF5702 Datasheet HTML 24Page - Analog Devices ADRF5702 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
ADRF5702
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 21 of 27
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
VDD = 5V, VCTRL = 0V or 3.3V, TCASE = 25°C, and a 50Ω system, unless otherwise noted.
Figure 48. Input P0.1dB vs. Frequency
Figure 49. Input IP3 vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com