Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP024 Datasheet(PDF) 1 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP024
Description  Single-segment linear LED driver chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP024 Datasheet(HTML) 1 Page - Shenzhen Developer Microelectronics Co., Ltd

  DP024 Datasheet HTML 1Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 2Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DP024
单段式线性 LED 驱动芯片
深圳市德普微电子有限公司
www.depuw.com
第 1 页
概述
DP024 是一款高精度线性 LED 驱动芯片,采用
单段式架构,没有 EMI 的问题。系统外围无需电感或变
压器等磁性元件,整个系统结构简单,成本低。
DP024
采用专利的电流控制与补偿技术,电流精
度可控制在±3%以内,可由外部电阻设定,峰值电流
60mA。可多芯片并联使用增加电流输出能力。
DP024 内置过温自动降电流功能。
DP024 采用 ESOP-8 封装。
特点
外围电路简单,无需磁性元件
内部集成高压启动电路
LED 输出电流可调,支持最大峰值电流 60mA
支持多芯片并联以增加电流输出能力
±3%LED 输出电流精度
优异的 EMI 性能
过温自动调节电流功能
采用ESOP-8 封装
应用
LED 蜡烛灯
LED 球泡灯/射灯
其他紧凑型LED照明产品
订购信息
封装
温度范围
订购型号
包装打印
产品打印
4000/盘
编带
DP024
xxxxxx
ESOP-8
-40
˚C to 85˚C
DP024
Note:
典型应用电路
1
2
3
GND
OUT
REXT
LED1
LEDn
AC IN
Optional
图 1. DP024 典型应用电路图
XX XX XX
The first X reresents
the year;The second X
represents the month
Reresents the date
Reresents the
wafer batch code
REV 1.1


Similar Part No. - DP024

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DP0275D5S MTU-DP0275D5S Datasheet
2Mb / 4P
DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
More results

Similar Description - DP024

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS55493 NSC-DS55493 Datasheet
106Kb / 4P
Quad LED Segment Driver
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
Linear LED Driver
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
Automotive Single-Channel Linear LED Driver
logo
Diodes Incorporated
AL1781 DIODES-AL1781 Datasheet
530Kb / 18P
Single/Dual Dimmable Linear LED Driver
Rev 1
logo
List of Unclassifed Man...
PT4515C ETC1-PT4515C Datasheet
645Kb / 11P
Single segment linear LED drive chip
PT4515 ETC1-PT4515 Datasheet
540Kb / 9P
Single-segment linear LED driver chip
logo
Shenzhen Huazhimei Semi...
HM7146 HMSEMI-HM7146 Datasheet
1Mb / 13P
single channel high voltage linear constant current LED driver chip
HM7148 HMSEMI-HM7148 Datasheet
1Mb / 12P
single channel high voltage linear constant current LED driver chip
HM7168 HMSEMI-HM7168 Datasheet
1Mb / 10P
2-segment dimming/coloring linear constant current LED driver chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com