Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0100R Datasheet(PDF) 16 Page - Texas Instruments

Part # AMC0100R
Description  AMC0100R Precision, ±250mV Input, Functionally Isolated Amplifier With Single-Ended, Ratiometric Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0100R Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC0100R Datasheet HTML 12Page - Texas Instruments AMC0100R Datasheet HTML 13Page - Texas Instruments AMC0100R Datasheet HTML 14Page - Texas Instruments AMC0100R Datasheet HTML 15Page - Texas Instruments AMC0100R Datasheet HTML 16Page - Texas Instruments AMC0100R Datasheet HTML 17Page - Texas Instruments AMC0100R Datasheet HTML 18Page - Texas Instruments AMC0100R Datasheet HTML 19Page - Texas Instruments AMC0100R Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
6 Detailed Description
6.1 Overview
The AMC0100R is a precision, galvanically isolated amplifier with a ±250mV differential input, and single-ended,
ratiometric output. The input stage of the device drives a second-order, delta-sigma (ΔΣ) modulator. The
modulator converts the analog input signal into a digital bitstream that is transferred across the isolation barrier
that separates the high-side from the low-side.
On the low-side, the received bitstream is processed by an analog filter that outputs a GND2-referenced,
single-ended signal at the OUT pin. This single-ended output signal is proportional to the input signal. The
full-scale output voltage of the isolated amplifier is equal to the voltage applied to the REFIN pin.
The SiO2-based, capacitive isolation barrier supports a high level of magnetic field immunity, as described in the
ISO72x Digital Isolator Magnetic-Field Immunity application note. The digital modulation used in the AMC0100R
transmits data across the isolation barrier. This modulation, and the isolation barrier characteristics, result in high
reliability and high common-mode transient immunity.
6.2 Functional Block Diagram
ΔΣ Modulator
GND1
INP
INN
VDD1
Reference
20 MHz Oscillator
VDD2
OUT
REFIN
GND2
Analog Filter
1.44V
+
–
216kΩ
96kΩ
DAC
6.3 Feature Description
6.3.1 Analog Input
The high-impedance input buffer on the INP pin feeds a second-order, switched-capacitor, feed-forward ΔΣ
modulator. The modulator converts the analog signal into a bitstream that is transferred across the isolation
barrier, as described in the Isolation Channel Signal Transmission section.
There are two restrictions on the analog input signal. First, if the input voltage exceeds the value specified in
the Section 5.1 table, the input current must be limited to 10mA. This limitation is caused by the device input
electrostatic discharge (ESD) diodes turning on. Second, linearity and noise performance are specified only
when the input voltage is within the linear full-scale range (VFSR). VFSR is specified in the Section 5.3 table.
AMC0100R
SBASAS5 – OCTOBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0100R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com