Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0100R Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC0100R
Description  AMC0100R Precision, ±250mV Input, Functionally Isolated Amplifier With Single-Ended, Ratiometric Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0100R Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC0100R Datasheet HTML 17Page - Texas Instruments AMC0100R Datasheet HTML 18Page - Texas Instruments AMC0100R Datasheet HTML 19Page - Texas Instruments AMC0100R Datasheet HTML 20Page - Texas Instruments AMC0100R Datasheet HTML 21Page - Texas Instruments AMC0100R Datasheet HTML 22Page - Texas Instruments AMC0100R Datasheet HTML 23Page - Texas Instruments AMC0100R Datasheet HTML 24Page - Texas Instruments AMC0100R Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
7.2.1 Design Requirements
Table 7-1 lists the parameters for this typical application.
Table 7-1. Design Requirements
PARAMETER
VALUE
System voltage, power-stage
48V
Bootstrap supply voltage (VBS)
6V
Maximum ripple voltage on AVDD supply (VRIPPLE)
200mV
PWM frequency
16kHz
PWM duty cycle range
5% to 95%
Linear current sensing range
±5A
7.2.2 Detailed Design Procedure
In Figure 7-1, the high-side power supply (AVDD) is generated from a bootstrap circuit (R4, D1, C2).
The high-side ground reference (GND1) is derived from the end of the shunt resistor connected to the negative
input of the AMC0100R (INN). For a four-terminal shunt, connect the device inputs to the inner leads of the shunt
and connect GND1 to the outer leads. To minimize offset and improve accuracy, route the ground connection as
a separate trace. Connect GND1 directly to the shunt resistor rather than shorting GND1 to INN at the input to
the device. See the Layout section for more details.
7.2.2.1 Shunt Resistor Sizing
The shunt resistor (RSHUNT) value is determined by the device linear input voltage range (±250mV) and the
desired linear current sensing range of ±5A. RSHUNT is calculated as 250mV / 5A = 50mΩ. The peak power
dissipated in the shunt resistor is RSHUNT × IPEAK 2 = 50mΩ × (5A)2 = 1.25W. For a linear response, operate
the shunt resistor at no more than 2/3 of the rated power. Therefore, a shunt resistor with a nominal power rating
of approximately 1.8W is selected.
Select a lower shunt resistor value if transient overcurrents are expected in the system that exceed the linear
input voltage range of the AMC0100R. However, if reduced linearity and lower resolution is acceptable for
the overcurrent range, allow the voltage drop across the shunt to exceed the linear input voltage range up
to the clipping voltage of the AMC0100R. In any case, make sure the voltage drop caused by the maximum
overcurrent does not exceed the input voltage that causes a clipping output. That is, make sure |VSHUNT| ≤
|VClipping|.
7.2.2.2 Input Filter Design
Place a differential RC filter (R1, R2, C5) in front of the isolated amplifier to improve signal-to-noise performance
of the signal path. Design the input filter such that:
• The cutoff frequency of the filter is at least one order of magnitude lower than the sampling frequency
(20MHz) of the ΔΣ modulator
• The input bias current does not generate significant voltage drop across the DC impedance of the input filter
• The impedances measured from the analog inputs are equal
Place capacitors C6 and C7 to improve common-mode rejection at high frequencies (>1MHz) and to improve
offset voltage performance. For best performance, verify C6 matches the value of C7 and that both capacitors
are 10 to 20 times lower in value than C5. NP0-type capacitors offer low temperature drift and low voltage
coefficients, and are preferred for common-mode filtering.
For most applications, the structure shown in Figure 7-2 achieves excellent performance.
www.ti.com
AMC0100R
SBASAS5 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC0100R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com