Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM2502 Datasheet(PDF) 2 Page - Multicomp Pro

Part # CM2502
Description  CM2500 Series Single Phase Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CM2502 Datasheet(HTML) 2 Page - Multicomp Pro

  CM2502 Datasheet HTML 1Page - Multicomp Pro CM2502 Datasheet HTML 2Page - Multicomp Pro CM2502 Datasheet HTML 3Page - Multicomp Pro CM2502 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CM2500 Series
Single Phase Bridge Rectifiers
Page <2>
14/04/11 V1.1
Maximum Rating and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
CM2500
CM2501
CM2502
CM2504
CM2506
CM2508 CM25010
Unit
Maximum recurrent peak reverse voltage
50
100
200
400
600
800
1000
V
Maximum RMS bridge input voltage
35
70
140
280
420
560
700
Maximum DC blocking voltage
50
100
200
400
600
800
1000
Maximum average forward current at TA = 55°C
25
A
Non-repetitive peak forward surge
current, rated load
300
Maximum forward voltage per bridge element
specified current at 12.5A
1.2
V
Maximum reverse current at rated DC blocking
voltage per element
10
µA
I2t rating for fusing (t <8.35ms)
374
A2S
Typical thermal resistance R
θJC
2.5
°C/W
Operating temperature range TJ
-55 to +150
°C
Storage temperature range TA
Note : * Unit mounted on metal heat-sink.
Mechanical Data :
Case
: Metal.
Mounting position
: Any.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com