Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM2502 Datasheet(PDF) 3 Page - Multicomp Pro

Part # CM2502
Description  CM2500 Series Single Phase Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CM2502 Datasheet(HTML) 3 Page - Multicomp Pro

  CM2502 Datasheet HTML 1Page - Multicomp Pro CM2502 Datasheet HTML 2Page - Multicomp Pro CM2502 Datasheet HTML 3Page - Multicomp Pro CM2502 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CM2500 Series
Single Phase Bridge Rectifiers
Page <3>
14/04/11 V1.1
Output Current VS. Ambient Temperature Resistive
or Inductive Load Bridge Mounted on 8 x 8 inches
Aluminium Plate 25 inches Thick
Power Dissipation VS. Average Output Current
Resistive or Inductive Load TJ = 150°C
Ratings and Characteristic Curves
Output Current VS. Case Temperature Resistive
Or Inductive Load TJ = 150°C
Typical Instantaneous Forward
Characteristics at TJ = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com