Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4031B Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4031B
Description  64-STAGE STATIC SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4031B Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4031B Datasheet HTML 1Page - STMicroelectronics HCF4031B Datasheet HTML 2Page - STMicroelectronics HCF4031B Datasheet HTML 3Page - STMicroelectronics HCF4031B Datasheet HTML 4Page - STMicroelectronics HCF4031B Datasheet HTML 5Page - STMicroelectronics HCF4031B Datasheet HTML 6Page - STMicroelectronics HCF4031B Datasheet HTML 7Page - STMicroelectronics HCF4031B Datasheet HTML 8Page - STMicroelectronics HCF4031B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions
Value
V I
V O
|I O |V DD
T Lo w*
25
°CT High*
Symbol
Parameter
(V)
(V)
(
µA) (V)
Min. Max. Min. Typ. Max. Min. Max.
Unit
I L
Quiescent
Current
HCC
Types
0/ 5
5
5
0.04
5
150
µA
0/10
10
10
0.04
10
300
0/15
15
20
0.04
20
600
0/20
20
100
0.08
100
3000
HCF
Types
0/ 5
5
20
0.04
20
150
0/10
10
40
0.04
40
300
0/15
15
80
0.04
80
600
VOH
Output High
Voltage
0/ 5
0/10
0/15
<1
<1
<1
5
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VOL
Output Low
Voltage
5/0
10/0
15/0
<1
<1
<1
5
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
VIH
Input High
Voltage
0.5/4.5
1/9
1.5/13.5
<1
<1
<1
5
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Input Low
Voltage
4.5/0.5
9/1
13.5/1.5
<1
<1
<1
5
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
I OH
Output
Source
Current
(Source)
Q, Q, Q
CLD
HCC
Types
0/ 5
2.5
5
– 2
– 1.6 – 3.2
– 1.15
mA
0/ 5
4.6
5
– 0.64
– 0.51 – 1
– 0.36
0/10
9.5
10
– 1.6
– 1.3 – 2.6
– 0.9
0/15
13.5
15
– 4.2
– 3.4 – 6.8
– 2.4
HCF
Types
0/ 5
2.5
5
– 1.53
– 1.36 – 3.2
– 1.1
0/ 5
4.6
5
– 0.52
– 0.44 – 1
– 0.36
0/10
9.5
10
– 1.3
– 1.1 – 2.6
– 0.9
0/15
13.5
15
– 3.6
– 3.0 – 6.8
– 2.4
I OL
Output
Sink
Current Q
HCC
Types
0/ 5
0.4
5
2.56
2.04
4
1.44
mA
0/10
0.5
10
6.4
5.2
10.4
3.6
0/15
1.5
15
16.8
13.6
27.2
9.6
HCF
Types
0/ 5
0.4
5
2.08
1.74
4
1.43
0/10
0.5
10
5.01
4.42
10.4
3.74
0/15
1.5
15
13.6
11.56
27.2
9.52
I OL
Output
Sink
Current
Q, Q’
CLD
HCC
Types
0/ 5
0.4
5
0.64
0.51
1
0.36
mA
0/10
0.5
10
1.6
1.3
2.6
0.9
0/15
1.5
15
4.2
3.4
6.8
2.4
HCF
Types
0/ 5
0.4
5
0.52
0.44
1
0.36
0/10
0.5
10
1.3
1.1
2.6
0.9
0/15
1.5
15
3.6
3.0
6.8
2.4
I IH,IIL
Input
Leakage
Current
HCC
Types
0/18
Any Input
18
± 0.1
±10–5 ± 0.1
± 1
µA
HCF
Types
0/15
15
± 0.3
±10–5 ± 0.3
± 1
CI
Input Capacitance
Any Input
5
7.5
pF
*TLow =– 55
°C for HCC device : – 40°C for HCF device.
*THigh = + 125
°Cfor HCC device : + 85°C for HCF device.
The Noise Margin for both ”1” and ”0” level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5 V min. with VDD = 15V.
HCC/HCF4031B
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com